Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F587L Datasheet(PDF) 115 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 115 Page - SPANSION

Back Button MB91F587L Datasheet HTML 111Page - SPANSION MB91F587L Datasheet HTML 112Page - SPANSION MB91F587L Datasheet HTML 113Page - SPANSION MB91F587L Datasheet HTML 114Page - SPANSION MB91F587L Datasheet HTML 115Page - SPANSION MB91F587L Datasheet HTML 116Page - SPANSION MB91F587L Datasheet HTML 117Page - SPANSION MB91F587L Datasheet HTML 118Page - SPANSION MB91F587L Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 177 page
background image
D at aS h ee t
112
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Interrupt factor
Interrupt
number
Interrupt
level
Offset
TBR
default
address
RN*1
Interrupt
request
batch
read
target
Deci
mal
Hexa
deci
mal
Multifunction serial interface ch3
(transmission completed)
26
1A
ICR10
394H
000FFF94H
10
-
Multifunction serial interface ch 4
(reception completed) /
Multifunction serial interface ch4
(status)
27
1B
ICR11
390H
000FFF90H
11*2
Multifunction serial interface ch4
(transmission completed)
28
1C
ICR12
38CH
000FFF8CH
12
-
CAN 0
29
1D
ICR13
388H
000FFF88H
-
-
CAN 1
30
1E
ICR14
384H
000FFF84H
-
-
CAN 2 / FlexRay 0
31
1F
ICR15
380H
000FFF80H
-
FlexRay 1
32
20
ICR16
37CH
000FFF7CH
-
-
FlexRay timer 0
33
21
ICR17
378H
000FFF78H
-
-
FlexRay timer 1
34
22
ICR18
374H
000FFF74H
-
-
RAM diagnosis completed
RAM initialization completed
Error generation at RAM diagnosis
Backup RAM diagnosis completed
Backup RAM initialization
completed
Error generation at Backup RAM
diagnosis
35
23
ICR19
370H
000FFF70H
-
Main timer/PLL timer/PLL gear for
FlexRay/PLL alarm for FlexRay
36
24
ICR20
36CH
000FFF6CH
20*3
Clock calibration unit
(CR oscillation)
37
25
ICR21
368H
000FFF68H
-
-
U/D counter 0 / 1
38
26
ICR22
364H
000FFF64H
22
Free-run timer 0 (0 detection)/
(compare clear)
39
27
ICR23
360H
000FFF60H
23
Free-run timer 1 (0 detection)/
(compare clear)
40
28
ICR24
35CH
000FFF5CH
24
Free-run timer 2 (0 detection)/
(compare clear)
PPG 0 / 1 / 2 / 3
41
29
ICR25
358H
000FFF58H
25
Free-run timer 3 (0 detection)/
(compare clear)
42
2A
ICR26
354H
000FFF54H
26
Free-run timer 4 (0 detection)/
(compare clear)
43
2B
ICR27
350H
000FFF50H
27
Free-run timer 5 (0 detection)/
(compare clear)
PPG 4 / 5 / 6 / 7
44
2C
ICR28
34CH
000FFF4CH
28
ICU 0 (fetching) / ICU 1 (fetching)
PPG 8 / 9 / 10 / 11
45
2D
ICR29
348H
000FFF48H
29
ICU 2 (fetching) / ICU 3 (fetching)
PPG 12 / 13 / 14 / 15
46
2E
ICR30
344H
000FFF44H
30
ICU 4 (fetching)) / ICU 5 (fetching)
PPG 16 / 17 / 18 / 19
47
2F
ICR31
340H
000FFF40H
31
ICU 6 (fetching) / ICU 7 (fetching)
PPG 20 / 21 / 22 / 23
48
30
ICR32
33CH
000FFF3CH
32
OCU 0 (match) / OCU 1 (match)
49
31
ICR33
338H
000FFF38H
33
OCU 2 (match) / OCU 3 (match)
50
32
ICR34
334H
000FFF34H
34
OCU 4 (match) / OCU 5 (match)
51
33
ICR35
330H
000FFF30H
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com