Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1186 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 13Page - Microchip Technology EMC1186 Datasheet HTML 14Page - Microchip Technology EMC1186 Datasheet HTML 15Page - Microchip Technology EMC1186 Datasheet HTML 16Page - Microchip Technology EMC1186 Datasheet HTML 17Page - Microchip Technology EMC1186 Datasheet HTML 18Page - Microchip Technology EMC1186 Datasheet HTML 19Page - Microchip Technology EMC1186 Datasheet HTML 20Page - Microchip Technology EMC1186 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
17
Revision 1.0 (07-11-13)
DATASHEET
Chapter 5 Product Description
The is an SMBus temperature sensor with Hardware Thermal Shutdown. The EMC1186 monitors one
internal diode and one externally connected temperature diode.
Thermal management is performed in cooperation with a host device. This consists of the host reading
the temperature data of both the external and internal temperature diodes of the EMC1186 and using
that data to control the speed of one or more fans.
The EMC1186 has two levels of monitoring. The first provides a maskable ALERT signal to the host
when the measured temperatures exceeds user programmable limits. This allows the EMC1186 to be
used as an independent thermal watchdog to warn the host of temperature hot spots without direct
control by the host. The second level of monitoring asserts the SYS_SHDN pin when the External
Diode 1 temperature exceeds a hardware specified threshold temperature. Additionally, the internal
diode can be configured to assert the SYS_SHDN pin when the measured temperature exceeds user
programmable limits.
Figure 5.1 shows a system level block diagram of the EMC1186.
5.1
Conversion Rates
The EMC1186 may be configured for different conversion rates based on the system requirements.
The conversion rate is configured as described in Section 6.4. The default conversion rate is 4
conversions per second. Other available conversion rates are shown in Table 6.5, "Conversion Rate".
5.2
Dynamic Averaging
Dynamic averaging causes the EMC1186 to measure the external diode channels for an extended time
based on the selected conversion rate. This functionality can be disabled for increased power savings
at the lower conversion rates (see Section 6.3, "Configuration Register 03h / 09h"). When dynamic
averaging is enabled, the device will automatically adjust the sampling and measurement time for the
external diode channels. This allows the device to average 2x or 16x longer than the normal 11 bit
operation (nominally 21ms per channel) while still maintaining the selected conversion rate. The
benefits of dynamic averaging are improved noise rejection due to the longer integration time as well
as less random variation of the temperature measurement.
When enabled, the dynamic averaging applies when a one-shot command is issued. The device will
perform the desired averaging during the one-shot operation according to the selected conversion rate.
Figure 5.1 System Diagram for EMC1186
CPU
EMC1186
DP1
DN1
SMDATA
Thermal
diode
Internal
Diode
SMCLK
SYS_SHDN
ALERT
VDD
VDD = 3.3V
Host
SMBus
Interface
Power
Control
1.8V – 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com