Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1188 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1188
Description  Notebook Computers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1188 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1188 Datasheet HTML 35Page - Microchip Technology EMC1188 Datasheet HTML 36Page - Microchip Technology EMC1188 Datasheet HTML 37Page - Microchip Technology EMC1188 Datasheet HTML 38Page - Microchip Technology EMC1188 Datasheet HTML 39Page - Microchip Technology EMC1188 Datasheet HTML 40Page - Microchip Technology EMC1188 Datasheet HTML 41Page - Microchip Technology EMC1188 Datasheet HTML 42Page - Microchip Technology EMC1188 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1188
39
Revision 1.0 (07-11-13)
DATASHEET
6.15
External Diode Ideality Factor Register 27h
This register stores the ideality factors that are applied to the external diode. Table 6.19 defines each
setting and the corresponding ideality factor. Beta Compensation and Resistance Error Correction
automatically correct for most diode ideality errors; therefore, it is not recommended that these settings
be updated without consulting SMSC.
4h
0
1
0
0
0.43
5h
0
1
0
1
1.00
6h
0
1
1
0
2.33
7h
0
1
1
1
Disabled
8h - Fh
1
X
X
X
Auto-detection
Table 6.18 Ideality Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
External
Diode
Ideality
Factor
-
-
IDEALITY[5:0]
12h
28h
R/W
External
Diode 2
Ideality
Factor
-
-
IDEALITY2[5:0]
12h
31h
R/W
External
Diode 3
Ideality
Factor
-
-
IDEALITY3[5:0]
12h
Table 6.19 Ideality Factor Look-Up Table (Diode Model)
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR
08h
0.9949
18h
1.0159
28h
1.0371
09h
0.9962
19h
1.0172
29h
1.0384
0Ah
0.9975
1Ah
1.0185
2Ah
1.0397
0Bh
0.9988
1Bh
1.0200
2Bh
1.0410
0Ch
1.0001
1Ch
1.0212
2Ch
1.0423
Table 6.17 CPU Beta Values (continued)
HEX
ENABLE
BETA[2:0]
MINIMUM BETA
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com