Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1188 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1188
Description  Notebook Computers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1188 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1188 Datasheet HTML 1Page - Microchip Technology EMC1188 Datasheet HTML 2Page - Microchip Technology EMC1188 Datasheet HTML 3Page - Microchip Technology EMC1188 Datasheet HTML 4Page - Microchip Technology EMC1188 Datasheet HTML 5Page - Microchip Technology EMC1188 Datasheet HTML 6Page - Microchip Technology EMC1188 Datasheet HTML 7Page - Microchip Technology EMC1188 Datasheet HTML 8Page - Microchip Technology EMC1188 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
SMSC EMC1188
Revision 1.0 (07-11-13)
DATASHEET
Datasheet
PRODUCT FEATURES
EMC1188
Quad Channel 1°C Temperature Sensor with Hardware
Thermal Shutdown and 1.8V SMBus Communications
General Description
The EMC1188 is a high accuracy, low cost, 1.8V System
Management Bus (SMBus) compatible temperature sensor.
Advanced features such as Resistance Error Correction (REC),
Beta Compensation (to support CPU diodes requiring the
BJT/transistor model including 65nm and lower geometry
processors) and automatic diode type detection combine to
provide a robust solution for complex environmental monitoring
applications. The ability to communicate at 1.8V SMBus levels
provides compatible I/O for the advanced processors found in
today’s tablet and smartphone applications.
The EMC1188 monitors four temperature (three external and
one internal) channels, providing ±1°C accuracy for both
external and internal diode temperatures.
Additionally, the EMC1188provides a hardware programmable
system shutdown feature that is programmed at part power-up
via two pull-up resistor values and that cannot be masked or
corrupted through the SMBus.
REC automatically eliminates the temperature error caused by
series resistance allowing greater flexibility in routing thermal
diodes. Frequency hopping* and analog filters ensure remote
diode traces can be as far as eight (8) inches without degrading
the signal. Beta Compensation eliminates temperature errors
caused by low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection feature
monitors the external diode/transistor and determines the
optimum sensor sett ings for accurate temperature
measurements regardless of processor technology. This frees
the user from providing unique sensor configurations for each
temperature monitoring application. These advanced features
plus ±1°C measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature monitoring
applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Hardware Thermal Shutdown
—
triggers dedicated SYS_SHDN pin
—
hardware configured range 77°C to 112°C in 1°C steps
—
cannot be disabled or modified by software
Support for diodes requiring the BJT/transistor model
—
Supports 65nm and lower geometry CPU thermal
diodes
Pin and register compatible with EMC1424
Automatically determines external diode type and
optimal settings
Resistance Error Correction
Frequency hops the remote sample frequency to reject
DC converter and other coherent noise sources*
Consecutive Alert queue to further reduce false Alerts
Up to 3 External Temperature Monitor
—
25°C typ, ±1°C max accuracy (20°C < TDIODE < 110°C)
—
0.125°C resolution
—
Supports up to 2.2nF diode filter capacitor
Anti-parallel diodes for extra diode support
Internal
Temperature Monitor
—
±1°C accuracy
—
0.125°C resolution
3.3V Supply Voltage
1.8V SMBus operation
Programmable temperature limits for ALERT (85°C
default high limit and 0°C default low limit)
Available in small 10-pin 3mm x 3mm DFN RoHS
compliant package
* Technology covered under the US patent 7,193,543.
Internal
Temp
Diode
Switching
Current
Analog
Mux
Internal
Temperature
Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
ALERT
SYS_SHDN
SMCLK
SMDATA
DP1
DN1
VDD
GND
EMC1188
External
Temperature
Register(s)
ΔΣ ADC
SYS_SHDN Limit
DP2 / DN3*
DN2 /DP3*
Anti-
parallel
diodes*
CPU
EMC1188
DP1
DN1
Thermal
diode
Interna
l
Diod
e
DN2 / DP3
DP2 / DN3
Optional
Anti-
parallel
diode
Host
SMDATA
SMCLK
SMBus
Interface
SYS_SHDN
ALERT
Power
Control
1.8V – 3.3V
VDD
VDD = 3.3V


Similar Part No. - EMC1188

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
More results

Similar Description - EMC1188

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
Headphone / speaker amplifier for notebook computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
System Power PWM Controller for Notebook Computers
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com