Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6N16 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 9Page - Microchip Technology MCP6N16 Datasheet HTML 10Page - Microchip Technology MCP6N16 Datasheet HTML 11Page - Microchip Technology MCP6N16 Datasheet HTML 12Page - Microchip Technology MCP6N16 Datasheet HTML 13Page - Microchip Technology MCP6N16 Datasheet HTML 14Page - Microchip Technology MCP6N16 Datasheet HTML 15Page - Microchip Technology MCP6N16 Datasheet HTML 16Page - Microchip Technology MCP6N16 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 13
MCP6N16
1.3
Timing Diagrams
FIGURE 1-1:
Amplifier Start-Up Timing Diagram.
FIGURE 1-2:
Common Mode Input Overdrive Recovery Timing Diagram.
FIGURE 1-3:
Differential Mode Input Overdrive Recovery Timing Diagram.
FIGURE 1-4:
Output Overdrive Recovery Timing Diagram.
FIGURE 1-5:
POR Timing Diagram.
FIGURE 1-6:
EN Timing Diagram.
VDD
VOUT
1.001 VREF
0.999 VREF
0V
1.8V to 5.5V
1.8V
tSTR
VOUT
tIRC
VCM VIVH +0.5V
VDD –1V
VREF
tIRC
VIVL –0.5V
1V
VREF
VOUT
tIRD
VREF
GDMVDM
1V
0V
VREF
GMINVDMH +0.5V
VOH
tIRD
VDD –1V
0V
VREF
GMINVDML –0.5V
VOL
VOUT
tOR
VREF
GMINVDM
VDD –1V
0V
VREF
1.5V
VOH
tOR
1V
0V
VREF
-1.5V
VOL
VOUT
tPHL
VDD
VPRL –0.1V
High Z
1.8V
tPLH
VPRH +0.1V
0V
High Z
VOUT
tOFF
EN
High Z
tON
tENLH
tENHL
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com