Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6N16 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6N16 Datasheet HTML 1Page - Microchip Technology MCP6N16 Datasheet HTML 2Page - Microchip Technology MCP6N16 Datasheet HTML 3Page - Microchip Technology MCP6N16 Datasheet HTML 4Page - Microchip Technology MCP6N16 Datasheet HTML 5Page - Microchip Technology MCP6N16 Datasheet HTML 6Page - Microchip Technology MCP6N16 Datasheet HTML 7Page - Microchip Technology MCP6N16 Datasheet HTML 8Page - Microchip Technology MCP6N16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MCP6N16
DS20005318A-page 2
 2014 Microchip Technology Inc.
Minimum Gain Options
Table 1 shows key specifications that differentiate
between the different minimum gain (GMIN) options.
See
Section 1.0
“Electrical
Characteristics”,
Section 6.0 “Packaging Information” and Product
Identification System for further information on GMIN.
Figures 1 to 3 show input offset voltage versus
temperature for the three gain options (GMIN =1, 10,
100 V/V).
FIGURE 1:
Input Offset Voltage vs.
Temperature, with GMIN =1.
FIGURE 2:
Input Offset Voltage vs.
Temperature, with GMIN =10.
FIGURE 3:
Input Offset Voltage vs.
Temperature, with GMIN = 100.
TABLE 1:
KEY DIFFERENTIATING SPECIFICATIONS
Part No.
GMIN
(V/V)
Nom.
VOS
(±μV)
Max.
TC1
(±nV/°C)
Max.
TA = -40 to +125°C
CMRR
(dB)
Min.
VDD =5.5V
PSRR
(dB)
Min.
VDMH
(V)
Min.
GBWP
(MHz)
Typ.
Eni
(μVP-P)
Typ.
f = 0.1 to 10 Hz
eni
(nV/√Hz)
Typ.
f < 500 Hz
MCP6N16-001
1
85
1800
89
91
2.7
0.50
19
900
MCP6N16-010
10
22
180
103
104
0.27
5.0
2.2
105
MCP6N16-100 100
17
60
112
110
0.027
35
0.93
45
Note 1:
GMIN is the minimum stable gain (GDM), for a given part option. In other words, GDM ≥ GMIN.
-10
0
10
20
30
40
-40
-30
-20
0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
G
MIN = 1
28 Samples
V
DD = 5.5V
V
CM = VDD/2
NPBW = 3 mHz
3
4
2
3
1
-1
0
-2
G
MIN = 10
28 Samples
V
55V
4
-3
V
DD = 5.5V
V
CM = VDD/2
NPBW = 3 mHz
-4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
3
4
2
3
1
-1
0
-2
G
MIN = 100
28 Samples
V
=55V
4
-3
V
DD =5.5V
V
CM = VDD/2
NPBW = 3 mHz
-4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com