Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3PCIE3422 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3422
Description  3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3422 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3PCIE3422 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3422 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.pericom.com
P-0.3
12/12/12
All trademarks are property of their respective owners.
PI3PCIE3422
3.3V, PCI Express® 3.0 2-Lane, Differential Mux/Demux with Bypass
DC Electrical Characteristics for Switching over Operating Range
Parameters
Description
Test Conditions(1)
Min
Typ(1) Max
Units
VIH - SEL
Input HIGH Voltage, SEL input Guaranteed HIGH level
2
3.6
V
VIL - SEL
Input LOW Voltage, SEL input
Guaranteed LOW level
0
0.8
VIK
Clamp Diode Voltage
VDD = Max., VIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current for OE#
and SEL
VDD = Max., VIN = VDD
-10
10
µA
IIH
Input HIGH Current
VDD = Max., VIN = 1.5V
-10
+10
IIL
Input LOW Current
VDD = Max., VIN = GND
-10
+10
RON
On Channel Resistance
VDD = Min., VIN = 1.3V,
IIN = 40mA
8
15
Ohm
CON
On Channel Capacitance
VDD = 3.3V, VIN = 0
2.5
pF
IOZ
Output Current
VDD = Max., VIN = 0V to 1.5V
-10
+10
µA
Note:
1.
Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics
Parameters
Description
Test Conditions
Min. Typ.
Max. Units
tPZH, tPZL
Line Enable Time - SEL to AN, BN, CN, DN
0.5
15
25
ns
tPHZ, tPLZ
Line Disable Time - SEL to AN, BN, CN, DN
0.5
5
25
tb-b
Bit-to-bit skew within the same differential pair
4
10
ps
tch-ch
Channel-to-channel skew
20
Electrical Characteristics Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD
3.3V supply
SEL and OE# at OV or VDD
0.15
1
mA
TCASE
Case temperature range
for operation within spec.
-40
85
Celsius
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +4.6V
Channel DC Input Voltage ................................................–0.5V to 1.5V
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
SEL DC Input Voltage .......................................................–0.5V to 4.6V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
13-0011



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com