Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8550B Datasheet(PDF) 5 Page - Nanjing International Group Co

Part # ST8550B
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST8550B Datasheet(HTML) 5 Page - Nanjing International Group Co

  ST8550B Datasheet HTML 1Page - Nanjing International Group Co ST8550B Datasheet HTML 2Page - Nanjing International Group Co ST8550B Datasheet HTML 3Page - Nanjing International Group Co ST8550B Datasheet HTML 4Page - Nanjing International Group Co ST8550B Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8550
ST 8550
Tamb=25 C
f=20MHz
-VCE=5V
7
1
10
2
4
3
5
10
10
5
2
5
2
5
2
-IC
2
Gain bandwidth product
versus collector current
7
fT
10 2
2
4
3
5
MHz
10 3
1V
o
3
10 mA
-50 C
S T 8550
C o llecto r satu ratio n vo ltag e
versu s co llecto r cu rren t
=10
-Ic
-1
-IB
0.4
-VCEsat
0.1
10
0
0.3
0.2
0.5
V
10
150 C
1
o
10
25 C
o
2
o
ty p ica l
lim its
at Tam b =25 C
o
-IC
10 m A
3
10 m A
-IC
-50 C
0
-1
10
1
1
10
10 2
25
C
o
o
150 C
o
-IB
-Ic
B ase saturation voltage
versus collector current
typical
lim its
at Tam b=25 C
=10
V
-VBEsat
2
ST 8550
o
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com