Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8550B Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # ST8550B
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST8550B Datasheet(HTML) 1 Page - Nanjing International Group Co

  ST8550B Datasheet HTML 1Page - Nanjing International Group Co ST8550B Datasheet HTML 2Page - Nanjing International Group Co ST8550B Datasheet HTML 3Page - Nanjing International Group Co ST8550B Datasheet HTML 4Page - Nanjing International Group Co ST8550B Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8550
PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications. Especially
suitable for AF-driver stages and low power output
stages.
The transistor is subdivided into four groups, B, C, D
and E, according to its DC current gain. As
complementary type the NPN transistor ST 8050 is
recommended.
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25℃)
Symbol
Value
Unit
Collector Emitter Voltage
-VCEO
25
V
Collector Base Voltage
-VCBO
40
V
Emitter Base Voltage
-VEBO
6
V
Collector Current
-IC
800
mA
Peak Collector Current
-ICM
1
A
Base Current
-IB
100
mA
Power Dissipation
Ptot
625
1)
mW
Junction Temperature
Tj
150
OC
Storage Temperature Range
TS
-55 to +150
OC
1)
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case


Similar Part No. - ST8550B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST8550 SEMTECH_ELEC-ST8550 Datasheet
300Kb / 1P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - ST8550B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com