Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16071CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC16071CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DC Electrical Characteristics
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for TA
e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
VIH
Logic High Input Voltage
VDa e 525V
VDa
V (max)
23
V (min)
VIL
Logic Low Input Voltage
VDa e 475V
08
V (max)
b
03
V (min)
VOH
Logic High Output Voltage
Logic High Output Current eb400 mA
24
V (min)
VDa e 475V
VOL
Logic Low Output Voltage
Logic Low Output Current e 2 mA
05
V (max)
VDa e 525V
IIN(1)
Logical ‘‘1’’ Input Current
10
50
m
A (max)
IIN(0)
Logical ‘‘0’’ Input Current
b
10
b
50
m
A (max)
ITSI
SDO TRI-STATE Leakage Current
VIN e 04V to 24V
10
50
m
A (max)
CIN
Logic Input Capacitance
VIN e 0toVDa
5pF
AC Electrical Characteristics for Clock In (CLK) Serial Clock Out (SCO) and
Frame Sync In (FSI)
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for TA
e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
fCLK
CLK Frequency Range
25
MHz (max)
(fCLK e 1tCLK)
1
MHz (min)
tCLK
CLK Period
1000
ns (max)
(tCLK e 1fCLK)
40
ns (min)
tCLKL
CLK Low Pulse Width
16
ns (min)
tCLKH
CLK High Pulse Width
14
ns (min)
tR
CLK Rise Time
10
ns (max)
3
ns (min)
tF
CLK Fall Time
10
ns (max)
3
ns (min)
tFSILOW
Minimum Frame Sync Input
2tCLK (min)
Low Time before Frame Sync
Input Asserted High
tFSISU
Frame Sync Input Setup Time
10
ns (min)
tFSIH
Frame Sync Input Hold Time
10
ns (min)
tSCOD
Serial Clock Output Delay
20
ns (max)
Time from Rising Edge
12
5
ns (min)
of CLK
tSCO
Serial Clock Output Period
4
tCLK
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com