Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16071CIWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC16071CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH11454
February 1995
ADC16071ADC16471
16-Bit Delta-Sigma 192 kss Analog-to-Digital Converters
General Description
The ADC16071ADC16471 are 16-bit delta-sigma analog-
to-digital
converters
using
64
c
oversampling
at
12288 MHz A 5th-order comb filter and a 246 tap FIR deci-
mation filter are used to achieve an output data rate of up to
192 kHz The combination of oversampling and internal digi-
tal filtering greatly reduces the external anti-alias filter re-
quirements to a simple RC low pass filter The FIR filters
offer linear phase response 0005 dB passband ripple and
t
90 dB stopband rejection The ADC16071ADC16471’s
analog fourth-order modulator uses switched capacitor
technology A built-in fully-differential bandgap voltage ref-
erence is also included in the ADC16471 The ADC16071
has no internal reference and requires externally applied
reference voltages
The ADC16071ADC16471 use an advanced BiCMOS pro-
cess for a low power consumption of 500 mW (max) while
operating from a single 5V supply A power-down mode re-
duces the power supply current from 100 mA (max) in the
active mode to 13 mA (max)
The ADC16071ADC16471 are ideal analog-to-digital front
ends for signal processing applications They provide a
complete high resolution signal acquisition system that re-
quires a minimal external anti-aliasing filter reference or
interface logic
The ADC16071ADC16471’s serial interface is compatible
with the DSP56001 TMS320 and ADSP2100 digital signal
processors
Key Specifications
Y
Resolution
16 bits
Y
Total harmonic distortion
48 kHz output data rate
b
94 dB (typ)
192 kHz output data rate
b
80 dB (typ)
Y
Maximum output data rate
192 kHz (min)
Y
Power dissipation
Active
192 kHz output data rate
500 mW (max)
48 kHz output data rate
275 mW (max)
Power-down
65 mW (max)
Key Features
Y
Voltage reference (ADC16471 only)
Y
Fourth-order modulator
Y
64 c oversampling with a 12288 MHz sample rate
Y
Adjustable output data rate from 7 kHz to 192 kHz
Y
Linear-phase digital anti-aliasing filter
0005 dB passband ripple
90 dB stopband rejection
Y
Single a5V supply
Y
Power-down mode
Y
Serial data interface compatible with popular
DSP devices
Applications
Y
Medical instrumentation
Y
Process control systems
Y
Test equipment
Y
High sample-rate audio
Y
Digital Signal Processing (DSP) analog front-end
Y
Vibration and noise analysis
Connection Diagram
TLH11454 – 2
Ordering Information
Part No
Package
NS Package
No
ADC16471CIN
24-Pin Molded DIP
N24C
ADC16471CIWM
24-Pin SOIC
M24B
ADC16071CIN
24-Pin Molded DIP
N24C
ADC16071CIWM
24-Pin SOIC
M24B
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC16071CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
472Kb / 20P
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061EVAL NSC-ADC16061EVAL Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
More results

Similar Description - ADC16071CIWM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
Delta-Sigma Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com