Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV342ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV342ID
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV342ID Datasheet(HTML) 2 Page - Texas Instruments

  TLV342ID Datasheet HTML 1Page - Texas Instruments TLV342ID Datasheet HTML 2Page - Texas Instruments TLV342ID Datasheet HTML 3Page - Texas Instruments TLV342ID Datasheet HTML 4Page - Texas Instruments TLV342ID Datasheet HTML 5Page - Texas Instruments TLV342ID Datasheet HTML 6Page - Texas Instruments TLV342ID Datasheet HTML 7Page - Texas Instruments TLV342ID Datasheet HTML 8Page - Texas Instruments TLV342ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
TLV341, TLV341A, TLV342, TLV342S
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: TLV341 ................................... 5
6.5
Thermal Information: TLV342 ................................... 5
6.6
Thermal Information: TLV342S ................................. 5
6.7
Electrical Characteristics: V+ = 1.8 V ........................ 6
6.8
Electrical Characteristics: V+ = 5 V ........................... 7
6.9
Shutdown Characteristics: V+ = 1.8 V....................... 8
6.10
Shutdown Characteristics: V+ = 5 V........................ 8
6.11
Typical Characteristics ............................................ 9
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application ................................................. 16
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Related Links ........................................................ 19
11.2
Community Resource............................................ 19
11.3
Trademarks ........................................................... 19
11.4
Electrostatic Discharge Caution ............................ 19
11.5
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2007) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Removed DPK package and TLV344 part from the Pin Configuration and Functions table ................................................ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com