Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV342ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV342ID
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV342ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV342ID Datasheet HTML 9Page - Texas Instruments TLV342ID Datasheet HTML 10Page - Texas Instruments TLV342ID Datasheet HTML 11Page - Texas Instruments TLV342ID Datasheet HTML 12Page - Texas Instruments TLV342ID Datasheet HTML 13Page - Texas Instruments TLV342ID Datasheet HTML 14Page - Texas Instruments TLV342ID Datasheet HTML 15Page - Texas Instruments TLV342ID Datasheet HTML 16Page - Texas Instruments TLV342ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = 125°C
RL = 2 k
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4 µs/div
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = 125°C
RL = 2 k
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4 µs/div
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = 25°C
RL = 2 k
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4 µs/div
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = 25°C
RL = 2 k
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4 µs/div
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = −40°C
RL = 2 k
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4 µs/div
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = −40°C
RL = 2 k
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4 µs/div
13
TLV341, TLV341A, TLV342, TLV342S
www.ti.com
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 25. Small-Signal Noninverting Response
Figure 26. Large-Signal Noninverting Response
Figure 27. Small-Signal Noninverting Response
Figure 28. Large-Signal Noninverting Response
Figure 29. Small-Signal Noninverting Response
Figure 30. Large-Signal Noninverting Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com