Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N65 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N65
Description  Drain Current ID= 2A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N65 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website
www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2N65
·
·
·
·FEATURES
·Drain Current ID= 2A@ TC=25℃
·Drain Source Voltage-
: VDSS= 650V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 5.0Ω(Max)
·Fast Switching
·
·
·
·APPLICATIONS
·Switching power supplies,converters,AC and DC motor controls
·
·
·
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
650
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
2
A
IDM
Drain Current-Single Plused
8
A
PD
Total Dissipation @TC=25℃
54
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
-55~150
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.32
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 2N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
2N65 DYELEC-2N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
2N65 ZSELEC-2N65 Datasheet
450Kb / 6P
N-CHANNEL MOSFET
More results

Similar Description - 2N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
10N65 ISC-10N65 Datasheet
136Kb / 2P
Drain Current ID= 2A@ TC=25C
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N80 ISC-7N80 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
2N10L ISC-2N10L Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N12 ISC-2N12 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N18 ISC-2N18 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N85 ISC-2N85 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com