Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP12412 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  4-Lane DisplayPort Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VDP12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
42ZHE
pin#
48NEE
pin#
pin Name Signal Type
Description
33
B9
D0-B
I/O
negative differential signal 0 for portB
35
A8
D3+A
I/O
positive differential signal 3 for port A
36
A9
D3-A
I/O
negative differential signal 3 for port A
H4
GND
Ground
37
B6
D2+A
I/O
positive differential signal 2 for port A
38
A6
D2-A
I/O
negative differential signal 2 for port A
39
B5
D1+A
I/O
positive differential signal 1 for port A
40
A5
D1-A
I/O
negative differential signal 1 for port A
41
B4
D0+A
I/O
positive differential signal 0 for port A
42
A4
D0-A
I/O
negative differential signal 0 for port A
21
A2
VDD
Pwr
Power
34
VDD
Pwr
Power
N/A
C2
DDC_
AUX_SEL
I
toggles between passing DDC channels through or AUX channels
through
If HIGH, then path DDC signals are passed through (depending on port
selection via GPU_SEL)
If LOW, then path AUX signals are passed through (depending on port
selection via GPU_SEL)
5
N/A
AUX_HPD_
SEL
I
switches only the AUX and HPD channels from port A vs. port B
N/A
H5
SCL_B
I/O
DDC_clock channel for port B
N/A
H7
GND
Ground
N/A
H8
SCL_A
I/O
DDC_clock channel for port A
N/A
J5
SDA_B
I/O
DDC_data channel for port B
N/A
J8
SDA_A
I/O
DDC_data channel for port A
25
B7
OE
I
Output enable. if OE is high, IC is enabled. If OE is low, then IC is power
down and all I/Os are hi-z
43
N/A
Center pad
Ground
Ground
12-0293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com