Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP12412 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  4-Lane DisplayPort Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
Dynamic Electrical Characteristics over Operating Range (T
A = -40º to +105ºC, VDD = 3.3V ±10%)
Param-
eter
Description
Test Conditions1
Min
Typ2 MAX Units
XTALK
Crosstalk on High Speed Chan-
nels
See Fig. 1 for Measure-
ment Setup
f= 2.7 GHz
-28
-25
dB
f = 1.35 GHz
-32
-28
OIRR
OFF Isolation on High Speed
Channels
See Fig. 2 for Measure-
ment Setup,
f= 2.7 GHz
-22
-20
f = 1.35 GHz
-30
-27
ILOSS
Differential Insertion Loss on
High Speed Channels
@5.4Gbps (see figure 3)
TQFN package
-1.8
-1.6
dB
BGA package
-2.0
-1.8
Rloss
Differential Return Loss on high
speed channels
@ 2.7GHz (5.4Gbps)
TQFN package
-16.0
-14
dB
BGA package
-14
-12.5
BW_Dx±
Bandwidth -3dB for Main high
speed path (Dx±)
See figure 3
TQFN package
4.1
4.6
GHz
BGA package
3.7
4.1
BW_AUX/
HPD
-3dB BW for AUX and HPD
signals
See figure 3
1.35
1.5
GHz
Tsw a-b
time it takes to switch from port
A to port B
1
us
Tsw b-a
time it takes to switch from port
B to port A
1
us
Tstartup
VDD valid to channel enable
10
us
Twakeup
Enabling output by changing OE
from low to High
10
us
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics (TA= -40º to +105ºC, VDD = 3.3V±10%)
Parameter
Description
Min.
Typ.
Max.
Units
Tpd
Propagation delay (input pin to output pin) on all channels
80
ps
tb-b
Bit-to-bit skew within the same differential pair of Dx± channels
5
7
ps
tch-ch
Channel-to-channel skew of Dx± channels
35
ps
12-0293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com