Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3245LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C3245LE
Description  8-Bit, 2-Port Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3245LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.pericom.com
PS7015F
10/12/10
All trademarks are property of their respective owners.
PI5C3245
8-Bit, 2-Port Bus Switch
Packaging Mechanical: 20-pin TSSOP (L20)
DESCRIPTION: 20-Pin, 173-Mil Wide,TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1311
REVISION: E
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2336 • www.pericom.com
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.238
.269
1
20
.169
.177
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
Note:
1. Package Outline Exclusive of Mold Flash and Metal Burr
2. Controlling dimentions in millimeters
3. Ref: JEDEC MO-153F/AC
11-0008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com