Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3245LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3245LE
Description  8-Bit, 2-Port Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3245LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.pericom.com
PS7015F
10/12/10
All trademarks are property of their respective owners.
PI5C3245
8-Bit, 2-Port Bus Switch
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
ICC
Quiescent Power Supply
Current
VCC = Max.
VIN = GND or VCC
0.1
3.0
μA
ΔICC
Supply Current @ Input
HIGH
VCC = Max.
VIN = 3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.
A and B Pins Open
BE = GND
Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Switching Characteristics over Operating Range
Parameters Description
Test Conditions
Com.
Units
Min
Max
tPLH
tPHL
Propagation Delay(1,2)
Ax to Bx, Bx to Ax
CL = 50 pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BE to Ax or Bx
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
BE to Ax or Bx
1.5
5.5
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load ca-
pacitance. The time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus
switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.
11-0008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com