Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549WAE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI5USB2549WAE
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549WAE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI5USB2549WAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
9
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
DCP Auto Mode
PI5USB2549 integrates an auto-detect state machine that supports all the below DCP charging schemes. It starts in Divider-1A
scheme, however if a BC1.2 or YD/T 1591-2009 compliant device is attached, the PI5USB2549 responds by discharging OUT,
turning back on the power switch and operating in 1.2Vmode briefly and then moving to BC1.2 DCP mode. It then stays in that
mode until the device is done charging or removed, in which case it goes back to Divider-1A scheme. When a Divider-1A
compliant device is attached the PI5USB2549 will stay in Divider-1A state.
Also, the PI5USB2549 will automatically switch between the Divider-1A and Divider-2A (or Divider-2.4A) schemes based on
charging current drawn by the connected device. Initially the device will set the DP_IN/DM_IN to Divider-1A scheme. If
charging current of the device >900mA is measured by the PI5USB2549, it switches to Divider-2A scheme and test to see if the
peripheral device will still charge at a high current. With MODE_SEL=’HIGH’, if charging current of the device >1.8A is
measured by PI5USB2549 or PI5USB2549, it will switches to Divider-2.4A charging mode. If it does then it stays in Divider-
2A or Divider-2.4A charging scheme otherwise it will revert to Divider-1A scheme.
Figure 1, DCP_Auto Mode
DCP BC1.2 and YD/T 1591-2009
Both standards define that the D+ and D- data lines should be shorted together with a maximum series impedance of 200Ω.
This is shown as Figure 1.
Figure 2, DCP mode
GND
USB
Connector
2.0V
1.2V
2.7V
Auto
Detect
D-
D+
PI5USB2549
VBUS
D-
D+
PI5USB2549
BC1.2 DCP
/DCP-1.2V
Divider-1A
/2A /2.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com