Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549WAE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5USB2549WAE
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549WAE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5USB2549WAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549WAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
USB Charging Port Controller and Load Detection Power Switch
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
1
PI5USB2549
Features
 Supports DCP Modes per USB Battery Charging
Specification 1.2
 Supports Shorted Mode per Chinese Telecommunication
Industry Standard YD/T1591-2009
 Supports non-BC1.2 Charging Modes by Automatic
Selection
 Divider-1A mode
 Divider-2A mode
 Divider-2.4A mode (with MODE_SEL=’HIGH’ only)
 DCP-1.2V mode
 Integrated 65-mΩ (Typ.) High-Side MOSFET
 Programmable Current Limit up to 3A (Typ.)
 Accurate +/-7% Current Limit at 2.51A (Typ.)
 Provides /STATUS Pin for Plug-In Detection
 Operating Range:4.5V to 5.5V
Device Package: EP-SOP8L
Description
The PI5USB2549 is a USB charging port controller and
current limiting power switch. PI5USB2549 provides the
electrical signatures on D+/D– to support different charging
schemes and is compatible with both popular BC1.2
compliant and non-BC1.2 compliant devices.
The PI5USB2549 65-mΩ power-distribution switch is
intended for applications where heavy capacitive loads and
short-circuits are likely to be encountered. Programmable
current threshold provides flexibility for setting current limit.
PI5USB2549 provides a /STATUS pin for plug-in detect
indication.
Applications
Vehicle USB Power Charger
AC-DC Wall Adapter with USB Port
Other USB Charger
Pin Configuration
Typical Application Diagram
COUT
CIN
PI5USB2549
18.7k (2.68A)
2k
Peripheral
Device
Charging
IN
STATUS
MODE_SEL
OUT
DM_IN
DP_IN
GND
ILIM
VBUS
D-
D+
GND
VIN
Low 2A
High 2.4A
EP-SOP8L
Exposed
PAD


Similar Part No. - PI5USB2549WAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2544AZHEX PERICOM-PI5USB2544AZHEX Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2544ZHEX PERICOM-PI5USB2544ZHEX Datasheet
685Kb / 22P
USB Charging Port Controller and Detection Power Switch
logo
Diodes Incorporated
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results

Similar Description - PI5USB2549WAE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com