Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4293 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4293
Description  WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4293 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4293 Datasheet HTML 1Page - RF Micro Devices RFFM4293 Datasheet HTML 2Page - RF Micro Devices RFFM4293 Datasheet HTML 3Page - RF Micro Devices RFFM4293 Datasheet HTML 4Page - RF Micro Devices RFFM4293 Datasheet HTML 5Page - RF Micro Devices RFFM4293 Datasheet HTML 6Page - RF Micro Devices RFFM4293 Datasheet HTML 7Page - RF Micro Devices RFFM4293 Datasheet HTML 8Page - RF Micro Devices RFFM4293 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140506
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFFM4293
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (Continuous with No Damage)
5.4
V
DC Supply Current
500
mA
Operating Case Temperature
-20 to +85
°C
Extended Temperature Range (with Reduced Performance)
-40 to -20
°C
Storage Temperature
-40 to +150
°C
Maximum Tx Input Power into 50
Ω Load
+12
dBm
Maximum Rx Input Power (No Damage)
+12
dBm
Moisture Sensitivity
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Typical Conditions 3.3V
Temperature = -10°C to +70°C, VCC = 3.3V,
PA_EN = high, POUT = 19dBm using an IEEE802.11n MCS7
waveform unless otherwise noted.
Tx Performance - 11g/n/ac
Compliance with standard 802.11g/n/ac
Frequency
2412
2484
MHz
802.11n Output Power
18.5
19.0
dBm
802.11n HT20 and HT40 MCS7 at 25°C
11n Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
802.11ac Output Power
16.5
17.0
dBm
802.11ac HT40 MCS9 at 25°C
11ac Dynamic EVM
1.5
1.8
%
-36.0
-35.0
dB
Tx Performance - Spectral Mask
802.11n Output Power
21
dBm
802.11n HT20 and HT40 MCS7 at 25°C
802.11b Output Power
24
dBm
Meet 802.11b DSSS 1Mbps Spectral Mask
General Tx Performance
Second Harmonic
-24
-20
dBm/MHz
At POUT = 19dBm
Third Harmonic
-50
-42
dBm/MHz
Gain
25
27
29
dB
Gain Variation Over Temp
-2
+2
dB
Power Detect Voltage
0.11
0.125
0.14
V
RF = off
0.7
0.8
0.9
V
At rated POUT
Power Detect Accuracy
-2.0
+2.0
dB
Into 3:1 VSWR load at 25°C
Input Return Loss - Tx_in pin
-13
-10
dB
In specified frequency band
Output Return Loss at ANT pin
-15
-10
dB
Operating Current
210
230
mA
At rated POUT 19dBm
195
215
mA
At rated POUT 17dBm
Quiescent Current
170
mA
Nominal conditions; no RF applied
Leakage Current
2
10
µA
VCC = 3.3V, PA_EN = low, C_RX = low, LNA_EN = low
Power Added Efficiency
10.5
%
Nominal conditions
Power Supply - VCC
3.0
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com