Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4293 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4293
Description  WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4293 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4293 Datasheet HTML 1Page - RF Micro Devices RFFM4293 Datasheet HTML 2Page - RF Micro Devices RFFM4293 Datasheet HTML 3Page - RF Micro Devices RFFM4293 Datasheet HTML 4Page - RF Micro Devices RFFM4293 Datasheet HTML 5Page - RF Micro Devices RFFM4293 Datasheet HTML 6Page - RF Micro Devices RFFM4293 Datasheet HTML 7Page - RF Micro Devices RFFM4293 Datasheet HTML 8Page - RF Micro Devices RFFM4293 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140506
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM4293
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi
Front End Module
The RFFM4293 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11b/g/n/ac and Bluetooth® systems.
The ultra-small form factor and integrated matching greatly reduces the
number of external components and layout area in the customer
application. This simplifies the total front end solution by reducing the bill
of materials, system footprint, and manufacturability cost. The
RFFM4293 integrates a 2.4GHz to 2.5GHz power amplifier (PA), low
noise amplifier (LNA) with bypass mode, power detector coupler for
improved accuracy, and some filtering for harmonic rejection. The
device is provided in a 3mm x 3mm x 1.05mm, 16-pin package. This
module meets or exceeds the RF front end needs of IEEE
802.11b/g/n/ac WiFi RF systems.
TX
PA_EN
GND
VCC
C_RX
ANT
BT
GND
GND
RX
3
1
LNA_EN
VDD
NC
12
C_BT
2
13
11
10
9
8
7
6
5
4
14
15
16
VCC
PDET
Functional Block Diagram
Ordering Information
RFFM4293SB
Standard 5-piece bag
RFFM4293SQ
Standard 25-piece bag
RFFM4293SR
Standard 100-piece reel
RFFM4293TR7
Standard 2500-piece reel
RFFM4293PCK-410
Fully assembled evaluation board w/5-piece bag
Package: Laminate, 16-pin,
3.0mm x 3.0mm x 1.05mm
Features
■ Integrated 2.4GHz to 2.5GHz
b/g/n/ac Amplifier, LNA with
bypass mode, SP3T Switch, and
Power Detector Coupler
■ Single Supply Voltage 3.0V to 5.0V
POUT = 19dBm, 3.3V @ 3%
Dynamic EVM.
POUT = 21dBm, 5.0V @ 3%
Dynamic EVM
Applications
■ IEEE802.11b/g/n/ac WiFi
Applications
■ 2.4GHz to 2.5GHz ISM Band
Solutions
■ Portable Battery-Powered
Equipment
■ WiFi Access Points, Gateways,
and Set Top Boxes
RFFM4293


Similar Part No. - RFFM4293

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293PCK-410 QORVO-RFFM4293PCK-410 Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SB QORVO-RFFM4293SB Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SQ QORVO-RFFM4293SQ Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SR QORVO-RFFM4293SR Datasheet
218Kb / 9P
3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results

Similar Description - RFFM4293

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8528 RFMD-RFFM8528 Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
WiFi Front End Module 5180MHz to 5825MHz
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com