Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BZX84C
Description  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BZX84C Datasheet(HTML) 2 Page - Nanjing International Group Co

  BZX84C Datasheet HTML 1Page - Nanjing International Group Co BZX84C Datasheet HTML 2Page - Nanjing International Group Co BZX84C Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 22/02/2010
Rev:01
BZX84C…Series
Electrical Characteristics
( Ta = 25 OC unless otherwise noted, VF < 0.9 V at IF = 10 mA)
Zener Voltage Range
1)
Dynamic Impedance
Reverse Current
VZT
at IZT
ZZT
at IZT
IR
at VR
Type
Marking
Code
Nom. (V)
Min. (V)
Max. (V)
(mA)
Max. (
Ω)
(mA)
Max. (μA)
(V)
BZX84C2V0
A8
2
1.8
2.15
5
100
5
120
0.5
BZX84C2V2
B8
2.2
2.08
2.33
5
100
5
120
0.7
BZX84C2V4
C8
2.4
2.2
2.6
5
100
5
50
1
BZX84C2V7
D8
2.7
2.5
2.9
5
100
5
20
1
BZX84C3V0
E8
3
2.8
3.2
5
95
5
10
1
BZX84C3V3
F8
3.3
3.1
3.5
5
95
5
5
1
BZX84C3V6
H8
3.6
3.4
3.8
5
90
5
5
1
BZX84C3V9
J8
3.9
3.7
4.1
5
90
5
3
1
BZX84C4V3
K8
4.3
4
4.6
5
90
5
3
1
BZX84C4V7
M8
4.7
4.4
5
5
80
5
3
2
BZX84C5V1
N8
5.1
4.8
5.4
5
60
5
2
2
BZX84C5V6
P8
5.6
5.2
6
5
40
5
1
2
BZX84C6V2
R8
6.2
5.8
6.6
5
10
5
3
4
BZX84C6V8
X8
6.8
6.4
7.2
5
15
5
2
4
BZX84C7V5
Y8
7.5
7
7.9
5
15
5
1
5
BZX84C8V2
Z8
8.2
7.7
8.7
5
15
5
0.7
5
BZX84C9V1
A9
9.1
8.5
9.6
5
15
5
0.5
6
BZX84C10
B9
10
9.4
10.6
5
20
5
0.2
7
BZX84C11
C9
11
10.4
11.6
5
20
5
0.1
8
BZX84C12
D9
12
11.4
12.7
5
25
5
0.1
8
BZX84C13
E9
13
12.4
14.1
5
30
5
0.1
8
BZX84C15
F9
15
13.8
15.6
5
30
5
0.05
10.5
BZX84C16
H9
16
15.3
17.1
5
40
5
0.05
11.2
BZX84C18
J9
18
16.8
19.1
5
45
5
0.05
12.6
BZX84C20
K9
20
18.8
21.2
5
55
5
0.05
14
BZX84C22
M9
22
20.8
23.3
5
55
5
0.05
15.4
BZX84C24
N9
24
22.8
25.6
5
70
5
0.05
16.8
BZX84C27
P9
27
25.1
28.9
2
80
2
0.05
18.9
BZX84C30
R9
30
28
32
2
80
2
0.05
21
BZX84C33
X9
33
31
35
2
80
2
0.05
23.1
BZX84C36
Y9
36
34
38
2
90
2
0.05
25.2
BZX84C39
Z9
39
37
41
2
130
2
0.05
27.3
BZX84C43
A0
43
40
46
2
150
2
0.05
30.1
BZX84C47
B0
47
44
50
2
170
2
0.05
32.9
BZX84C51
C0
51
48
54
2
180
2
0.05
35.7
BZX84C56
D0
56
52
60
2
200
2
0.05
39.2
BZX84C62
E0
62
58
66
2
215
2
0.05
43.4
BZX84C68
F0
68
64
72
2
240
2
0.05
47.6
BZX84C75
H0
75
70
79
2
255
2
0.05
52.5
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com