Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # BZX84C
Description  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BZX84C Datasheet(HTML) 3 Page - Nanjing International Group Co

  BZX84C Datasheet HTML 1Page - Nanjing International Group Co BZX84C Datasheet HTML 2Page - Nanjing International Group Co BZX84C Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 22/02/2010
Rev:01
BZX84C…Series
-3
3
4
-1
-2
0
1
2
3
4
5
6
7
8
Zener voltage Vz (v)
5
67
8
9
10
11
12
Temperature Coefficient
1
Nominal Value
Vz ( V )
10
100
Temperature Coefficient
10
100
Forward Voltage VF (mV)
120
0
500
60
20
40
80
100
180
140
160
200
220
5V1
1100
700
900
27V
Typical Forward Voltage
Zener Voltage Regulator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com