Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5552 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA5552
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5552 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA5552 Datasheet HTML 1Page - RF Micro Devices RFPA5552 Datasheet HTML 2Page - RF Micro Devices RFPA5552 Datasheet HTML 3Page - RF Micro Devices RFPA5552 Datasheet HTML 4Page - RF Micro Devices RFPA5552 Datasheet HTML 5Page - RF Micro Devices RFPA5552 Datasheet HTML 6Page - RF Micro Devices RFPA5552 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RFPA5552
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160219
3 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Out of Band Gain
-10
-5
dB
f = 3200-3900MHz
12
dB
f > 7000MHz
Quiescent Current
150
mA
RF=Off
Operating Current
275
340
mA
POUT = +21dBm
350
400
mA
POUT = +24dBm
RFIN Port Return Loss
12
dB
RFOUT Port Return Loss
8
dB
2nd Harmonics
-42
-35
dBm/MHz
POUT = +24dBm 802.11a 6MBps
3rd Harmonics
-42
-35
dBm/MHz
POUT = +24dBm 802.11a 6MBps
Power Detector Voltage
0.23
mV
RF Off
0.28
mV
POUT = 0dBm
0.76
mV
POUT = +24dBm
Power Detector Slope
20
mV/dB
GENERAL SPECIFICATIONS
Stability
Output VSWR
6:1
CW signal. No spurious above -41.25dBm/MHz for
non-harmonic related signals.
Output Power Range
0
24
dBm
Output P1dB
30
dBm
Ramp ON/OFF Time
200
nS
10%<->90%; Referencing from control voltage to
RF power
Thermal Resistance
27
ºC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com