Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5552 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA5552
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5552 Datasheet(HTML) 7 Page - RF Micro Devices

  RFPA5552 Datasheet HTML 1Page - RF Micro Devices RFPA5552 Datasheet HTML 2Page - RF Micro Devices RFPA5552 Datasheet HTML 3Page - RF Micro Devices RFPA5552 Datasheet HTML 4Page - RF Micro Devices RFPA5552 Datasheet HTML 5Page - RF Micro Devices RFPA5552 Datasheet HTML 6Page - RF Micro Devices RFPA5552 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RFPA5552
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160219
7 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Caution! ESD-Sensitive Device
ESD Sensitivity Ratings
ESD Rating:
Class 1C
Voltage:
Passes
≥1500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating:
Class C3
Voltage:
Passes
≥500V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating
MSL Rating:
Level 2
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
RoHS Compliance
This part is compliant with EU 2002/95/EC RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical
and Electronic Equipment).
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about Qorvo:
Web: www.qorvo.com
Tel: +1-844-890-8163
Email: customer.support@qorvo.com
For information about Qorvo:
Web: www.qorvo.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com