Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR31310A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3WVR31310A
Description  DP/HDMI 1:3 De-mux/Mux switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31310A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3WVR31310A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PI3WVR31310A
DP/HDMI 1:3 De-mux/Mux switches
www.pericom.com
10/30/15
All trademarks are property of their respective owners.
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
HPD_SRC (when HPD_SRC is output, HPD 1, 2, 3 are inputs)
VIH
High level digital input voltage
VDD=3.3V
2.0
V
VIL
Low level digital input voltage
VDD=3.3V
0
0.8
V
VOL_HPD_SRC
Buffer Output Low Voltage
IOL = 4 mA
0.4
V
VOH_HPD_SRC
Buffer Output Low Voltage
IOH = 4 mA
2.4
V
HPD_Sink (when HPD_SRC is input, HPD 1, 2, 3 are as sink outputs)
VIH
High level digital input voltage
VDD=3.3V
2.0
V
VIL
Low level digital input voltage
0
0.8
V
VOL_HPD_Sink
Buffer Output Low Voltage
IOL = 4 mA
0.4
V
VOH_HPD_Sink
Buffer Output Low Voltage
IOH = 4 mA
2.4
V
CAB
ILK
Input leakage current
Switch is off, Vin=5.5V
-50
50
uA
CIO
Input/Output capacitance when
passive switch on
10
pF
RON
Passive Switch resistance
IO = 3mA, VO = 0.4V
25
50
Ω
Vpass
Switch Output voltage
VI=3.3V, II=100uA
3.0
3.5
4.0
V
CI(source)
Source side CAB capacitance
VI peak-peak = 1V, 100 KHz
3.5
pF
CI(sink)
Sink side CAB capacitance when
6.5
pF
SDA/SCL,SDA1/SCL1, SDA2/SCL2 , SDA3/SCL3 (passive switch)
ILK
Input leakage current
DDC switch is off, Vin=5.5V
-50
50
uA
CIO
Input/Output capacitance when
passive switch on
VI peak-peak = 1V, 100 KHz
10
pF
RON
Passive Switch resistance
IO = 3mA, VO = 0.4V
25
50
Ω
Vpass
Switch Output voltage
VI=5.0V, II=100uA
VDD=3.3V
1.5
2.0
2.5
V
CI(source)
Source side DDC capacitance (
passive switch off. )
VI peak-peak = 1V, 100 KHz
2.5
pF
CI(sink)
Sink side DDC capacitance ( pas-
sive switch off. )
VI peak-peak = 1V, 100 KHz
9
pF
AUXP, AUXN, AUXnP/SCLn, AUXnN/SDAn
ILK
Input leakage current
DDC switch is off, Vin=5.5V
-50
50
uA
CIO
Input/Output capacitance when
passive switch on
VI peak-peak = 1V, 100 KHz
7
pF
RON
Passive Switch resistance
IO = 3mA, VO = 0.4V
5
15
Ω
Vpass
Switch Output voltage
VI=5.5V, II=100uA
VDD=3.3V
3.0
4.0
4.5
V
CI(source)
Source side capacitance ( passive
switch off. )
VI peak-peak = 1V, 100 KHz
2.5
pF
15-0139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com