Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR31310A Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3WVR31310A
Description  DP/HDMI 1:3 De-mux/Mux switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR31310A Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3WVR31310A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3WVR31310A Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
PI3WVR31310A
DP/HDMI 1:3 De-mux/Mux switches
www.pericom.com
10/30/15
All trademarks are property of their respective owners.
Dynamic Electrical Characteristics
Parameter
Description
Test Conditions
Min. Typ.(1) Max. Unit
SCL, SDA channel, AUX channel, CAB channel (passive switch)
tpd(DDC)
Propagation delay from SCLn/SDAn to
SCL/SDA or SCL/SDA to SCLn/SDAn
In passive SW on.
CL = 10pF, in passive switch
5
ns
CL = 10pF, in active switch
(1.5k to 5k pull high, 10pf to
GND)
60
Control and Status Pins (HPDn, HPD_SRC)
tpd(HPD)
Propagation delay (from HPDx to the
active port of HPD_SRC, high to low)
CL = 10pF, manual selection
mode; auto mode refer to auto
timing
10
ns
tsx(HPD)
Switch time (from port select to the
latest HPD )
5
us
XTALK
Crosstalk on High Speed Channels
See Fig.1 for
Measurement
Setup
f = 2.7 GHz
-26
-23
dB
f = 3.0 GHz
-24
-21
OIRR
OFF Isolation on High Speed Channels
See Fig. 2 for
Measurement
Setup
f = 2.7 GHz
-21
-19
f = 3.0 GHz
-21
-19
ILOSS
Differential Insertion Loss on High
speed channels
@5.4Gbps (see figure 3, Vcom
= 0V)
-1.8
-1.6
dB
ILOSS
Differential Insertion Loss on High
Speed HDMI Channels
@6Gbps (see figure 3, Vcom =
3.0V)
-2.5
dB
Rloss
Differential Return Loss on High speed
channels
@ 2.7GHz (5.4Gbps)
-18
-15
dB
BW_Dx±
Bandwidth -3dB for Main High speed
path (Dx±)
See figure 3
5.0
5.4
GHz
BW_Dx±
Bandwidth -3dB for Main high speed
HDMI path (Dx±)
See figure 3
4.7
5.0
GHz
BW_AUX
Bandwidth -3dB for AUX
See figure 3
1.2
1.5
GHz
Tsw a-b
time it takes to switch from port A to
port B
Manual selection
1
us
Tsw b-a
time it takes to switch from port B to
port A
Manual selection
1
us
Tstartup
Vdd valid to channel enable
Manual selection
10
us
Twakeup
Enabling output by changing OEB
from High to Low
Manual selection
10
us
15-0139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com