Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3154ARSZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADuM3154ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3154ARSZ Datasheet(HTML) 4 Page - Analog Devices

  ADuM3154ARSZ Datasheet HTML 1Page - Analog Devices ADuM3154ARSZ Datasheet HTML 2Page - Analog Devices ADuM3154ARSZ Datasheet HTML 3Page - Analog Devices ADuM3154ARSZ Datasheet HTML 4Page - Analog Devices ADuM3154ARSZ Datasheet HTML 5Page - Analog Devices ADuM3154ARSZ Datasheet HTML 6Page - Analog Devices ADuM3154ARSZ Datasheet HTML 7Page - Analog Devices ADuM3154ARSZ Datasheet HTML 8Page - Analog Devices ADuM3154ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADuM3154
Data Sheet
Table 3. For All Models1, 2, 3
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
A Grade and B Grade
IDD1
4.8
8.5
mA
CL = 0 pF, DRFAST = 1 MHz,
DRSLOW = 0 MHz
IDD2
6.5
13
mA
CL = 0 pF, DRFAST = 1 MHz,
DRSLOW = 0 MHz
B Grade
IDD1
10
18
mA
CL = 0 pF, DRFAST = 17 MHz,
DRSLOW = 0 MHz
IDD2
13.5
19
mA
CL = 0 pF, DRFAST = 17 MHz,
DRSLOW = 0 MHz
DC SPECIFICATIONS
MCLK, MSS, MO, SO, SSA0, SSA1
Input Threshold
Logic High
VIH
0.7 × VDDx
V
Logic Low
VIL
0.3 × VDDx
V
Input Hysteresis
VIHYST
500
mV
Input Current per Channel
II
−1
+0.01
+1
µA
0 V ≤ VINPUT ≤ VDDx
SCLK, MI, SI, SS0, SS1, SS2, SS3
Output Voltages
Logic High
VOH
VDDx − 0.1
5.0
V
IOUTPUT = −20 µA, VINPUT = VIH
VDDx − 0.4
4.8
V
IOUTPUT = −4 mA, VINPUT = VIH
Logic Low
VOL
0.0
0.1
V
IOUTPUT = 20 µA, VINPUT = VIL
0.2
0.4
V
IOUTPUT = 4 mA, VINPUT = VIL
VDD1, VDD2 Undervoltage Lockout
UVLO
2.6
V
Supply Current for High Speed Channels
Dynamic Input
IDDI(D)
0.080
mA/Mbps
Dynamic Output
IDDO(D)
0.046
mA/Mbps
Supply Current for All Low Speed Channels
Quiescent Input
IDD1(Q)
4.2
mA
Quiescent Output
IDD2(Q)
6.1
mA
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity4
|CM|
25
35
kV/µs
VINPUT = VDDx, VCM = 1000 V,
transient magnitude = 800 V
1
VDDx = VDD1 or VDD2.
2
VINPUT is the input voltage of any of the MCLK, MSS, MO, SO, SSA0, or SSA1 pins.
3
IOUTPUT is the output current of any of the SCLK, MI, SI, SS0, SS1, SS2, or SS3 pins.
4
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining output voltages within the VOH and VOL limits. The common-mode
voltage slew rates apply to both rising and falling common-mode voltage edges.
Rev. A | Page 4 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com