Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3154ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3154ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3154ARSZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM3154ARSZ Datasheet HTML 1Page - Analog Devices ADuM3154ARSZ Datasheet HTML 2Page - Analog Devices ADuM3154ARSZ Datasheet HTML 3Page - Analog Devices ADuM3154ARSZ Datasheet HTML 4Page - Analog Devices ADuM3154ARSZ Datasheet HTML 5Page - Analog Devices ADuM3154ARSZ Datasheet HTML 6Page - Analog Devices ADuM3154ARSZ Datasheet HTML 7Page - Analog Devices ADuM3154ARSZ Datasheet HTML 8Page - Analog Devices ADuM3154ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3.75 kV, 7-Channel, SPIsolator
Multiple Slave, Digital Isolator for SPI
Data Sheet
ADuM3154
FEATURES
Supports up to 17 MHz SPI clock speed
4 high speed, low propagation delay, SPI signal isolation
channels
Supports up to 4 slave devices
20-lead SSOP package with 5.1 mm creepage
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition per UL 1577
3750 V rms for 1 minute
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 V peak
APPLICATIONS
Industrial programmable logic controllers (PLCs)
Sensor isolation
FUNCTIONAL BLOCK DIAGRAM
ENCODE
CONTROL
BLOCK
DECODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
MCLK
MO
MI
MSS
SSA0
SSA1
NIC
NIC = NOT INTERNALLY CONNECTED
VDD2
GND2
SCLK
SI
SO
SS0
SS1
SS2
SS3
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
GND1
GND2
9
10
12
11
ADuM3154
CONTROL
BLOCK
MUX
Figure 1.
GENERAL DESCRIPTION
The ADuM31541 is an SPIsolator™ digital isolator optimized for
a serial peripheral interface (SPI) that includes support for up to
four slave devices. Based on the Analog Devices, Inc., iCoupler®
chip scale transformer technology, the low propagation delay and
jitter in the CLK, MO/SI, MI/SO, and SS SPI bus signals support
SPI clock rates of up to 17 MHz.
The ADuM3154 isolator also provides a slave select multiplexing
system that allows up to four slave devices to be serviced from
one isolator. When a target slave is selected, the slave select
signal propagates to the desired output with low propagation
delay, allowing tight timing control. The isolated SSx is addressed
through a 250 kbps low speed, 2-channel address bus, allowing
the target slave device to be changed in as little as 2.5 µs.
Table 1. Related Products
Product
Description
ADuM3150
3. 75 kV, high speed, clock
delayed SPIsolator
ADuM3151/ADuM3152/
ADuM3153
3.75 kV, multichannel SPIsolator
ADuM4150
5 kV, high speed, clock delayed
SPIsolator
ADuM4151/ADuM4152/
ADuM4153
5 kV, multichannel SPI solator
ADuM4154
5 kV, multiple slave SPIsolator
1
Protected by U.S. Patents 5,952,849; 6,262,600; 6,873,065; and 7075329. Other patents are pending.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADuM3154ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3154ARSZ AD-ADUM3154ARSZ Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3154ARSZ-RL7 AD-ADUM3154ARSZ-RL7 Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
More results

Similar Description - ADuM3154ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
REV. A
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com