Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF6045T-331M Datasheet(PDF) 3 Page - TDK Electronics

Part # CLF6045T-331M
Description  Inductors for Power Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF6045T-331M Datasheet(HTML) 3 Page - TDK Electronics

  CLF6045T-331M Datasheet HTML 1Page - TDK Electronics CLF6045T-331M Datasheet HTML 2Page - TDK Electronics CLF6045T-331M Datasheet HTML 3Page - TDK Electronics CLF6045T-331M Datasheet HTML 4Page - TDK Electronics CLF6045T-331M Datasheet HTML 5Page - TDK Electronics CLF6045T-331M Datasheet HTML 6Page - TDK Electronics CLF6045T-331M Datasheet HTML 7Page - TDK Electronics CLF6045T-331M Datasheet HTML 8Page - TDK Electronics CLF6045T-331M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
INDUC
T
O
RS
20160128 / inductor_commercial_power_clf6045_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Wide E-6 Series lineup allows for various usages.
APPLICATION
Thin-screen TVs, LCDs, AV equipment, STBs, LED lights, industrial equipment
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Compatible with lead-free solders
Overview of CLF6045 Type
CLF
6045
T
-
1R5
N
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
(mm)
(μH)
6045
6.2×5.9×4.5
T
Taping
1R0
1.0
M
±20%
100
10
N
±30%
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(g)
CLF6045
–40 to +105
–40 to +105
1000
0.6
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com