Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF6045T-331M Datasheet(PDF) 6 Page - TDK Electronics

Part # CLF6045T-331M
Description  Inductors for Power Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF6045T-331M Datasheet(HTML) 6 Page - TDK Electronics

  CLF6045T-331M Datasheet HTML 1Page - TDK Electronics CLF6045T-331M Datasheet HTML 2Page - TDK Electronics CLF6045T-331M Datasheet HTML 3Page - TDK Electronics CLF6045T-331M Datasheet HTML 4Page - TDK Electronics CLF6045T-331M Datasheet HTML 5Page - TDK Electronics CLF6045T-331M Datasheet HTML 6Page - TDK Electronics CLF6045T-331M Datasheet HTML 7Page - TDK Electronics CLF6045T-331M Datasheet HTML 8Page - TDK Electronics CLF6045T-331M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160128 / inductor_commercial_power_clf6045_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
CLF6045 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 30°C)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring frequency
DC resistance
Rated current
Part No.
Idc1
Idc2
(μH)
Tolerance
(kHz)
(
: )
(A)
(A)
1.0
±30%
100
11m±30%
5.0
4.5
CLF6045T-1R0N
1.5
±30%
100
13m±30%
4.4
4.2
CLF6045T-1R5N
2.2
±30%
100
15m±30%
3.9
4.0
CLF6045T-2R2N
3.3
±30%
100
19m±30%
3.1
3.5
CLF6045T-3R3N
4.7
±30%
100
23m±30%
2.5
3.2
CLF6045T-4R7N
6.8
±30%
100
27m±30%
2.2
2.9
CLF6045T-6R8N
10
±20%
100
38m±20%
1.7
2.4
CLF6045T-100M
15
±20%
100
55m±20%
1.5
2.0
CLF6045T-150M
22
±20%
100
78m±20%
1.3
1.7
CLF6045T-220M
33
±20%
100
0.103±20%
1.07
1.5
CLF6045T-330M
47
±20%
100
0.130±20%
0.90
1.3
CLF6045T-470M
68
±20%
100
0.215±20%
0.79
1.0
CLF6045T-680M
100
±20%
100
0.340±20%
0.64
0.70
CLF6045T-101M
150
±20%
100
0.480±20%
0.50
0.60
CLF6045T-151M
220
±20%
100
0.780±20%
0.41
0.50
CLF6045T-221M
330
±20%
100
0.970±20%
0.35
0.44
CLF6045T-331M
470
±20%
100
1.42±20%
0.30
0.37
CLF6045T-471M
Measurement item
Product No.
Manufacturer
L
4285A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com