Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP07012EFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP07012EFF
Description  12V PNP LOW SATURATION TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP07012EFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP07012EFF Datasheet HTML 1Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 2Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 3Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 4Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 5Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 6Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP07012EFF
Document number: DS33727 Rev. 3 - 2
4 of 7
www.diodes.com
January 2016
© Diodes Incorporated
ZXTP07012EFF
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-12
-23
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage
(Base Open) (Note 11)
BVCEO
-12
-16
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.4
—
V
IE = -100µA
Collector-Base Cutoff Current
ICBO
—
<1
—
-50
-20
nA
µA
VCB = -10V
VCB = -10V, TA = +100°C
Emitter-Base Cutoff Current
IEBO
—
<1
-50
nA
VEB = -5.6V
ON CHARACTERISTICS (Note 11)
Static Forward Current Transfer Ratio
hFE
500
400
230
150
750
570
320
210
1500
—
—
—
—
IC = -10mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -4A, VCE = -2V
IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage
VCE(SAT)
—
-80
-60
-130
-250
-260
-100
-75
-165
-350
-340
mV
IC = -0.5A, IB = -2.5mA
IC = -1A, IB = -100mA
IC = -1A, IB = -5mA
IC = -2A, IB = -10mA
IC = -4A, IB = -80mA
Base-Emitter Saturation Voltage
VBE(SAT)
—
-945
-1050
mV
IC = -4A, IB = -80mA
Base-Emitter On Voltage
VBE(ON)
—
-850
-950
mV
IC = -4A, VCE = -2V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
250
—
MHz
IC = -50mA, VCE = -5V,
f = 50MHz
Input Capacitance
CIBO
—
223
—
pF
VEB = -0.5V, f = 1MHz
Output Capacitance
COBO
—
49
60
pF
VCB = -8V, f = 1MHz
Delay Time
tD
—
12.8
—
ns
VCC = -10V,
IC = -500mA,
IB1 = IB2 = -50mA
Rise Time
tR
—
15.6
—
ns
Storage Time
tS
—
240
—
ns
Fall Time
tF
—
92.8
—
ns
Note:
11. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com