Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC001 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC001 Datasheet HTML 1Page - National Semiconductor (TI) CLC001 Datasheet HTML 2Page - National Semiconductor (TI) CLC001 Datasheet HTML 3Page - National Semiconductor (TI) CLC001 Datasheet HTML 4Page - National Semiconductor (TI) CLC001 Datasheet HTML 5Page - National Semiconductor (TI) CLC001 Datasheet HTML 6Page - National Semiconductor (TI) CLC001 Datasheet HTML 7Page - National Semiconductor (TI) CLC001 Datasheet HTML 8Page - National Semiconductor (TI) CLC001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
r,tf
Rise time, Fall time
20%–80%, (Notes 4, 5)
400
800
ps
t
os
Output overshoot
5%
t
jit
Output jitter
(Note 7)
25
ps
t
pd
Propagation delay
(Note 5)
1.9
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VSS =0V.
Note 3: Typical values are at 25˚C and 3.3V.
Note 4: This parameter is Guaranteed by Design.
Note 5: RL =75Ω, AC-coupled at 270 Mbps, RREF = 1.91 kΩ 1% (for VSDO = 800 mVp-p ±10%), CL not greater than 5pF (See Figure 1)
Note 6: The VBB output is intended as a bias supply pin for the inputs of this device only. It is not designed as a power supply output and should not be used to
power other devices.
Note 7: RL =75Ω, AC-coupled at 622 Mbps, RREF = 1.5 kΩ 1% (for VSDO = 1.0 Vp-p ±10%), clock pattern input.
Note 8: Input Current Balance (IINB) is the difference between the Input Current (IIN)onVIN+ and VIN− for the same bias condition.
Test Loads
DS101329-4
FIGURE 1. Test Loads
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com