Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC001 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC001 Datasheet HTML 1Page - National Semiconductor (TI) CLC001 Datasheet HTML 2Page - National Semiconductor (TI) CLC001 Datasheet HTML 3Page - National Semiconductor (TI) CLC001 Datasheet HTML 4Page - National Semiconductor (TI) CLC001 Datasheet HTML 5Page - National Semiconductor (TI) CLC001 Datasheet HTML 6Page - National Semiconductor (TI) CLC001 Datasheet HTML 7Page - National Semiconductor (TI) CLC001 Datasheet HTML 8Page - National Semiconductor (TI) CLC001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC001
Serial Digital Cable Driver with Adjustable Outputs
General Description
The CLC001 is a monolithic, high-speed cable driver
designed for use in SMPTE 259M serial digital video and
ITU-T G.703 serial digital data transmission applications.
The CLC001 drives 75
Ω transmission lines (Belden 8281 or
equivalent) at data rates up to 622 Mbps. Controlled output
rise and fall times (400 ps typical) minimize transition-
induced jitter. The output voltage swing is adjustable from
800 mV
p-p to 1.0 Vp-p using an external resistor.
The CLC001’s output stage consumes less power than other
designs. The differential inputs accept LVDS signal levels,
LVPECL levels directly or PECL with attenuation networks.
All these make the CLC001 an excellent general purpose
high speed driver for high-speed, long distance data
transmission applications.
The CLC001 is powered from a single +3.3V supply and
comes in a small 8-pin SOIC package.
Key Specifications
n
400 ps rise and fall times
n
Data rates to 622 Mbps
n
100 mV differential input threshold
n
Low residual jitter
Features
n
Adjustable output amplitude
n
Differential input and output
n
Accepts LVPECL or LVDS input swings
n
Low power dissipation
n
Single +3.3V supply
Applications
n
Digital routers and distribution amplifiers
n
Coaxial cable driver for digital transmission lines
n
Twisted pair driver
n
Serial digital video interfaces for the commercial and
broadcast industry
n
SMPTE, Sonet/SDH, and ATM compatible driver
n
Buffer applications
Connection Diagram (8-Pin SOIC)
Typical Application
DS101329-10
622 Mbps Eye Pattern with STM-4 Signal Mask
DS101329-2
Order Number CLC001AJE
See NS Package Number M08A
DS101329-1
March 2001
© 2001 National Semiconductor Corporation
DS101329
www.national.com


Similar Part No. - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI-CLC001 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI2-CLC001 Datasheet
603Kb / 13P
CLC001 Serial Digital Cable Driver with Adjustable Outputs
February 2006
logo
National Semiconductor ...
CLC001AJE NSC-CLC001AJE Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
More results

Similar Description - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com