Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402P Datasheet(PDF) 12 Page - TDK Electronics

Part # MHQ0402P
Description  Inductors for High Frequency Circuits Multilayer Ceramic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402P Datasheet(HTML) 12 Page - TDK Electronics

Back Button MHQ0402P Datasheet HTML 8Page - TDK Electronics MHQ0402P Datasheet HTML 9Page - TDK Electronics MHQ0402P Datasheet HTML 10Page - TDK Electronics MHQ0402P Datasheet HTML 11Page - TDK Electronics MHQ0402P Datasheet HTML 12Page - TDK Electronics MHQ0402P Datasheet HTML 13Page - TDK Electronics MHQ0402P Datasheet HTML 14Page - TDK Electronics MHQ0402P Datasheet HTML 15Page - TDK Electronics MHQ0402P Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
(12/17)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0402P Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
1.7
1.7
1.7
1.7
1.7
14
18
29
31
34
MHQ0402P1N7CT000
1.7
1.7
1.7
1.7
1.7
14
18
29
31
34
MHQ0402P1N7ST000
1.8
1.8
1.8
1.8
1.8
14
18
27
30
33
MHQ0402P1N8BT000
1.8
1.8
1.8
1.8
1.8
14
18
27
30
33
MHQ0402P1N8CT000
1.8
1.8
1.8
1.8
1.8
14
18
27
30
33
MHQ0402P1N8ST000
1.9
1.9
1.9
1.9
1.9
12
16
26
28
31
MHQ0402P1N9BT000
1.9
1.9
1.9
1.9
1.9
12
16
26
28
31
MHQ0402P1N9CT000
1.9
1.9
1.9
1.9
1.9
12
16
26
28
31
MHQ0402P1N9ST000
2.0
2.0
2.0
2.0
2.0
12
16
26
28
31
MHQ0402P2N0BT000
2.0
2.0
2.0
2.0
2.0
12
16
26
28
31
MHQ0402P2N0CT000
2.0
2.0
2.0
2.0
2.0
12
16
26
28
31
MHQ0402P2N0ST000
2.1
2.1
2.1
2.1
2.1
12
16
26
28
31
MHQ0402P2N1BT000
2.1
2.1
2.1
2.1
2.1
12
16
26
28
31
MHQ0402P2N1CT000
2.1
2.1
2.1
2.1
2.1
12
16
26
28
31
MHQ0402P2N1ST000
2.2
2.2
2.2
2.2
2.2
13
17
27
30
33
MHQ0402P2N2BT000
2.2
2.2
2.2
2.2
2.2
13
17
27
30
33
MHQ0402P2N2CT000
2.2
2.2
2.2
2.2
2.2
13
17
27
30
33
MHQ0402P2N2ST000
2.3
2.3
2.3
2.3
2.3
14
18
29
31
34
MHQ0402P2N3BT000
2.3
2.3
2.3
2.3
2.3
14
18
29
31
34
MHQ0402P2N3CT000
2.3
2.3
2.3
2.3
2.3
14
18
29
31
34
MHQ0402P2N3ST000
2.4
2.4
2.4
2.4
2.4
14
18
29
31
33
MHQ0402P2N4BT000
2.4
2.4
2.4
2.4
2.4
14
18
29
31
33
MHQ0402P2N4CT000
2.4
2.4
2.4
2.4
2.4
14
18
29
31
33
MHQ0402P2N4ST000
2.5
2.5
2.5
2.5
2.5
14
18
28
31
33
MHQ0402P2N5BT000
2.5
2.5
2.5
2.5
2.5
14
18
28
31
33
MHQ0402P2N5CT000
2.5
2.5
2.5
2.5
2.5
14
18
28
31
33
MHQ0402P2N5ST000
2.6
2.6
2.6
2.6
2.6
14
17
28
30
33
MHQ0402P2N6BT000
2.6
2.6
2.6
2.6
2.6
14
17
28
30
33
MHQ0402P2N6CT000
2.6
2.6
2.6
2.6
2.6
14
17
28
30
33
MHQ0402P2N6ST000
2.7
2.7
2.7
2.7
2.8
13
17
26
28
31
MHQ0402P2N7BT000
2.7
2.7
2.7
2.7
2.8
13
17
26
28
31
MHQ0402P2N7CT000
2.7
2.7
2.7
2.7
2.8
13
17
26
28
31
MHQ0402P2N7ST000
2.8
2.8
2.8
2.8
2.9
14
18
28
30
32
MHQ0402P2N8BT000
2.8
2.8
2.8
2.8
2.9
14
18
28
30
32
MHQ0402P2N8CT000
2.8
2.8
2.8
2.8
2.9
14
18
28
30
32
MHQ0402P2N8ST000
2.9
2.9
2.9
2.9
2.9
13
17
27
29
31
MHQ0402P2N9BT000
2.9
2.9
2.9
2.9
2.9
13
17
27
29
31
MHQ0402P2N9CT000
2.9
2.9
2.9
2.9
2.9
13
17
27
29
31
MHQ0402P2N9ST000
3.0
3.0
3.0
3.0
3.0
13
17
27
29
31
MHQ0402P3N0BT000
3.0
3.0
3.0
3.0
3.0
13
17
27
29
31
MHQ0402P3N0CT000
3.0
3.0
3.0
3.0
3.0
13
17
27
29
31
MHQ0402P3N0ST000
3.1
3.1
3.1
3.1
3.1
13
17
27
29
31
MHQ0402P3N1BT000
3.1
3.1
3.1
3.1
3.1
13
17
27
29
31
MHQ0402P3N1CT000
3.1
3.1
3.1
3.1
3.1
13
17
27
29
31
MHQ0402P3N1ST000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
4338A
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com