Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402P Datasheet(PDF) 14 Page - TDK Electronics

Part # MHQ0402P
Description  Inductors for High Frequency Circuits Multilayer Ceramic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402P Datasheet(HTML) 14 Page - TDK Electronics

Back Button MHQ0402P Datasheet HTML 9Page - TDK Electronics MHQ0402P Datasheet HTML 10Page - TDK Electronics MHQ0402P Datasheet HTML 11Page - TDK Electronics MHQ0402P Datasheet HTML 12Page - TDK Electronics MHQ0402P Datasheet HTML 13Page - TDK Electronics MHQ0402P Datasheet HTML 14Page - TDK Electronics MHQ0402P Datasheet HTML 15Page - TDK Electronics MHQ0402P Datasheet HTML 16Page - TDK Electronics MHQ0402P Datasheet HTML 17Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
(14/17)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0402P Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
4.8
4.8
4.9
4.9
5.1
14
18
28
30
32
MHQ0402P4N8HT000
4.8
4.8
4.9
4.9
5.1
14
18
28
30
32
MHQ0402P4N8JT000
4.9
4.9
5.0
5.0
5.1
14
18
27
29
32
MHQ0402P4N9HT000
4.9
4.9
5.0
5.0
5.1
14
18
27
29
32
MHQ0402P4N9JT000
5.0
5.0
5.1
5.1
5.3
14
17
26
28
30
MHQ0402P5N0HT000
5.0
5.0
5.1
5.1
5.3
14
17
26
28
30
MHQ0402P5N0JT000
5.1
5.1
5.2
5.3
5.4
14
18
28
31
33
MHQ0402P5N1HT000
5.1
5.1
5.2
5.3
5.4
14
18
28
31
33
MHQ0402P5N1JT000
5.6
5.6
5.7
5.8
5.9
14
18
28
30
32
MHQ0402P5N6HT000
5.6
5.6
5.7
5.8
5.9
14
18
28
30
32
MHQ0402P5N6JT000
6.2
6.2
6.4
6.5
6.7
15
19
29
31
33
MHQ0402P6N2HT000
6.2
6.2
6.4
6.5
6.7
15
19
29
31
33
MHQ0402P6N2JT000
6.8
6.8
7.1
7.2
7.5
15
19
30
31
33
MHQ0402P6N8HT000
6.8
6.8
7.1
7.2
7.5
15
19
30
31
33
MHQ0402P6N8JT000
7.5
7.5
8.1
8.4
9.0
14
18
25
26
26
MHQ0402P7N5HT000
7.5
7.5
8.1
8.4
9.0
14
18
25
26
26
MHQ0402P7N5JT000
8.2
8.2
8.7
9.0
9.5
14
18
27
28
28
MHQ0402P8N2HT000
8.2
8.2
8.7
9.0
9.5
14
18
27
28
28
MHQ0402P8N2JT000
9.1
9.1
10.0
10.4
11.3
14
17
23
24
24
MHQ0402P9N1HT000
9.1
9.1
10.0
10.4
11.3
14
17
23
24
24
MHQ0402P9N1JT000
10.0
10.0
10.9
11.2
12.1
15
18
26
26
26
MHQ0402P10NHT000
10.0
10.0
10.9
11.2
12.1
15
18
26
26
26
MHQ0402P10NJT000
11.0
11.1
12.6
13.3
14.9
15
18
25
26
25
MHQ0402P11NHT000
11.0
11.1
12.6
13.3
14.9
15
18
25
26
25
MHQ0402P11NJT000
12.0
12.0
13.1
13.6
14.8
13
16
22
23
23
MHQ0402P12NHT000
12.0
12.0
13.1
13.6
14.8
13
16
22
23
23
MHQ0402P12NJT000
13.0
13.0
14.4
15.1
16.6
13
16
21
21
21
MHQ0402P13NHT000
13.0
13.0
14.4
15.1
16.6
13
16
21
21
21
MHQ0402P13NJT000
15.0
15.1
16.7
17.5
19.4
13
16
22
22
21
MHQ0402P15NHT000
15.0
15.1
16.7
17.5
19.4
13
16
22
22
21
MHQ0402P15NJT000
16.0
16.1
18.3
19.3
21.8
13
16
21
21
20
MHQ0402P16NHT000
16.0
16.1
18.3
19.3
21.8
13
16
21
21
20
MHQ0402P16NJT000
18.0
18.2
21.3
22.7
26.6
13
16
19
18
17
MHQ0402P18NHT000
18.0
18.2
21.3
22.7
26.6
13
16
19
18
17
MHQ0402P18NJT000
20.0
20.4
25.3
27.8
35.1
13
16
20
19
17
MHQ0402P20NHT000
20.0
20.4
25.3
27.8
35.1
13
16
20
19
17
MHQ0402P20NJT000
22.0
22.4
27.7
30.3
38.0
14
16
19
18
16
MHQ0402P22NHT000
22.0
22.4
27.7
30.3
38.0
14
16
19
18
16
MHQ0402P22NJT000
24.0
24.4
30.7
33.9
43.4
14
16
19
18
15
MHQ0402P24NHT000
24.0
24.4
30.7
33.9
43.4
14
16
19
18
15
MHQ0402P24NJT000
27.0
27.6
35.9
40.5
—
14
16
17
15
—
MHQ0402P27NHT000
27.0
27.6
35.9
40.5
—
14
16
17
15
—
MHQ0402P27NJT000
30.0
30.8
41.1
46.9
—
13
16
17
15
—
MHQ0402P30NHT000
30.0
30.8
41.1
46.9
—
13
16
17
15
—
MHQ0402P30NJT000
33.0
34.3
52.5
65.0
—
13
15
14
12
—
MHQ0402P33NHT000
33.0
34.3
52.5
65.0
—
13
15
14
12
—
MHQ0402P33NJT000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
4338A
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com