Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502IDRB Datasheet(PDF) 19 Page - Texas Instruments

Part # THS4502IDRB
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502IDRB Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4502IDRB Datasheet HTML 15Page - Texas Instruments THS4502IDRB Datasheet HTML 16Page - Texas Instruments THS4502IDRB Datasheet HTML 17Page - Texas Instruments THS4502IDRB Datasheet HTML 18Page - Texas Instruments THS4502IDRB Datasheet HTML 19Page - Texas Instruments THS4502IDRB Datasheet HTML 20Page - Texas Instruments THS4502IDRB Datasheet HTML 21Page - Texas Instruments THS4502IDRB Datasheet HTML 22Page - Texas Instruments THS4502IDRB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
19
TYPICAL CHARACTERISTICS
Figure 86
−3
−2
−1
0
1
2
3
1
10
100
1000
SMALL SIGNAL FREQUENCY RESPONSE
at VOCM
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 499 Ω
PIN= −20 dBm
VS = 5 V
Figure 87
−800
−600
−400
−200
0
200
400
600
800
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VOC − Output Common-Mode Voltage − V
OUTPUT OFFSET VOLTAGE
vs
OUTPUT COMMON-MODE VOLTAGE
Figure 88
0
5
10
15
20
25
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
Power-down Voltage − V
QUIESCENT CURRENT
vs
POWER-DOWN VOLTAGE
Figure 89
−1
−2
−5
0 0.5 1
2
0
100.5 101
102
103
−3
−6
−4
0
0.01
0.03
0.02
t − Time − ms
TURNON AND TURNOFF DELAY TIMES
1.5
2.5 3
Current
Figure 90
0
100
200
300
400
500
600
700
800
900
1000
1100
0.1
1
10
100
1000
SINGLE-ENDED OUTPUT IMPEDANCE
IN POWER DOWN
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 392 Ω
PIN = −1 dBm
VS = 5 V
Figure 91
−40 −30−20−10 0 10 2030 405060708090
POWER-DOWN QUIESCENT CURRENT
vs
CASE TEMPERATURE
Case Temperature −
°C
RL = 800 Ω
VS = 5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 92
0
100
200
300
400
500
600
700
800
900
1000
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VS − Supply Voltage − V
POWER-DOWN QUIESCENT CURRENT
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com