Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502IDRB Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4502IDRB
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502IDRB Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4502IDRB Datasheet HTML 17Page - Texas Instruments THS4502IDRB Datasheet HTML 18Page - Texas Instruments THS4502IDRB Datasheet HTML 19Page - Texas Instruments THS4502IDRB Datasheet HTML 20Page - Texas Instruments THS4502IDRB Datasheet HTML 21Page - Texas Instruments THS4502IDRB Datasheet HTML 22Page - Texas Instruments THS4502IDRB Datasheet HTML 23Page - Texas Instruments THS4502IDRB Datasheet HTML 24Page - Texas Instruments THS4502IDRB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
21
Figure 94
VOCM
+VS
VS
RS
Rg1
Rg2
Rf1
Rf2
+
−
RT
−
+
−VS
Application Circuit for the THS4500 and THS4501,
Featuring Split-Supply Operation With an Input
Signal Referenced at the Midrail
Equations 1−5 allow for calculation of the required input
common-mode range for a given set of input conditions.
The equations allow calculation of the input common-
mode range requirements given information about the
input signal, the output voltage swing, the gain, and the
output common-mode voltage. Calculating the maximum
and minimum voltage required for VN and VP (the
amplifier’s input nodes) determines whether or not the
input common-mode range is violated or not. Four
equations are required. Two calculate the output voltages
and two calculate the node voltages at VN and VP (note
that only one of these needs calculation, as the amplifier
forces a virtual short between the two nodes).
V
OUT
) +
V
IN
)(1–β)–VIN–(1–β) ) 2VOCMβ
2
β
V
OUT– +
–V
IN
)(1–β) ) VIN–(1–β) ) 2VOCMβ
2
β
(1)
(2)
V
N + VIN–(1–β) ) V OUT
)β
Where:
β +
R
G
R
F ) RG
V
P + VIN
)(1–β) ) VOUT–β
(3)
(4)
(5)
NOTE:
The equations denote the device inputs as VN and
VP, and the circuit inputs as VIN+ and VIN−.
Figure 95
VOCM
Rg
Rg
Rf
Rf
+
−
−
+
Vp
Vn
VOUT−
VOUT+
VIN+
VIN−
Diagram For Input Common-Mode Range Equations
The two tables below depict the input common-mode
range requirements for two different input scenarios, an
input referenced around the negative rail and an input
referenced around midrail. The tables highlight the
differing requirements on input common-mode range, and
illustrate reasoning for choosing either the THS4500/1 or
the THS4502/3. For signals referenced around the
negative power supply, the THS4500/1 should be chosen
since its input common-mode range includes the negative
supply rail. For all other situations, the THS4502/3 offers
slightly improved distortion and noise performance for
applications with input signals centered between the
power supply rails.
Table 1. Negative-Rail Referenced
Gain
(V/V)
VIN+ (V)
VIN−
(V)
VIN
(VPP)
VOCM
(V)
VOD
(VPP)
VNMIN
(V)
VNMAX
(V)
1
−2.0 to
2.0
0
4
2.5
4
0.75
1.75
2
−1.0 to
1.0
0
2
2.5
4
0.5
1.167
4
−0.5 to
0.5
0
1
2.5
4
0.3
0.7
8
−0.25 to
0.25
0
0.5
2.5
4
0.167
0.389
NOTE: This table assumes a negative-rail referenced, single-ended
input signal on a single 5-V supply as shown in Figure 93.
VNMIN = VPMIN and VNMAX = VPMAX.
Table 2. Midrail Referenced
Gain
(V/V)
VIN+ (V)
VIN−
(V)
VIN
(VPP)
VOCM
(V)
VOD
(VPP)
VNMIN
(V)
VNMAX
(V)
1
0.5 to
4.5
2.5
4
2.5
4
2
3
2
1.5 to
3.5
2.5
2
2.5
4
2.16
2.83
4
2.0 to
3.0
2.5
1
2.5
4
2.3
2.7
8
2.25 to
2.75
2.5
0.5
2.5
4
2.389
2.61
NOTE: This table assumes a midrail referenced, single-ended input
signal on a single 5-V supply.
VNMIN = VPMIN and VNMAX = VPMAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com