Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5089 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC5089
Description  High Gain Bandwidth Product
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5089 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC5089 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC5089
S-PARAMETER
VCE = 8 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.653
-48.5
10.080
136.2
0.046
63.5
0.766
-27.9
400
0.420
-82.1
7.242
112.7
0.069
57.6
0.561
-35.0
600
0.284
-105.7
5.393
98.9
0.086
57.9
0.466
-35.4
800
0.214
-126.0
4.245
89.7
0.103
59.4
0.420
-34.9
1000
0.169
-146.7
3.508
82.2
0,121
60.6
0.394
-34.7
1200
0.155
-166.4
3.012
75.9
0,140
61.9
0.382
-35.1
1400
0.152
174.1
2.645
70.2
0.162
62.1
0.374
-36.1
1600
0.154
156.7
2.350
65.0
0,182
61.3
0.363
-38.5
1800
0.161
145.9
2.136
60.2
0.202
60.5
0.355
-41.0
2000
0.181
134.5
1.972
55.8
0,224
60.6
0.345
-44.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com