Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5089 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5089
Description  High Gain Bandwidth Product
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5089 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5089 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5089 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5089
VCE = 8 V, IC = 20 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.275
-80.2
17.464
114.7
0.033
68.9
0.506
-36.6
400
0.147
-116.5
9.693
97.8
0.057
72.0
0.353
-32.4
600
0.097
-150.0
6.680
88.8
0.082
72.7
0.313
-27.9
800
0.083
179.5
5.088
82.3
0.106
72.1
0.300
-25.9
1000
0.084
151.3
4.141
76.7
0.131
71.2
0.295
-25.2
1200
0.095
135.6
3.497
72.2
0.156
69.8
0.295
-25.7
1400
0.108
124.2
3.058
67.7
0.182
67.7
0.297
-27.3
1600
0.121
113.8
2.699
63.2
0,206
65.2
0.289
-30.1
1800
0.128
108.4
2.432
59.2
0.228
63.0
0.283
-33.2
2000
0.146
104.2
2.241
55.5
0,253
61.6
0.274
-36.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com