Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F133IPM Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F133IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F133IPM Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430F133IPM Datasheet HTML 14Page - Texas Instruments MSP430F133IPM Datasheet HTML 15Page - Texas Instruments MSP430F133IPM Datasheet HTML 16Page - Texas Instruments MSP430F133IPM Datasheet HTML 17Page - Texas Instruments MSP430F133IPM Datasheet HTML 18Page - Texas Instruments MSP430F133IPM Datasheet HTML 19Page - Texas Instruments MSP430F133IPM Datasheet HTML 20Page - Texas Instruments MSP430F133IPM Datasheet HTML 21Page - Texas Instruments MSP430F133IPM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
comparator_A
The primary function of the comparator_A module is to support precision slope analog−to−digital conversions,
battery−voltage supervision, and monitoring of external analog signals.
ADC12 (Not implemented in the MSP430x14x1)
The ADC12 module supports fast, 12-bit analog-to-digital conversions. The module implements a 12-bit SAR
core, sample select control, reference generator and a 16 word conversion-and-control buffer. The
conversion-and-control buffer allows up to 16 independent ADC samples to be converted and stored without
any CPU intervention.
timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Timer_A3 Signal Connections
Input Pin Number
Device Input Signal
Module Input Name
Module Block
Module Output Signal
Output Pin Number
12 - P1.0
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
21 - P2.1
TAINCLK
INCLK
13 - P1.1
TA0
CCI0A
13 - P1.1
22 - P2.2
TA0
CCI0B
CCR0
TA0
17 - P1.5
DVSS
GND
CCR0
TA0
27 - P2.7
DVCC
VCC
14 - P1.2
TA1
CCI1A
14 - P1.2
CAOUT (internal)
CCI1B
CCR1
TA1
18 - P1.6
DVSS
GND
CCR1
TA1
23 - P2.3
DVCC
VCC
ADC12 (internal)
15 - P1.3
TA2
CCI2A
15 - P1.3
ACLK (internal)
CCI2B
CCR2
TA2
19 - P1.7
DVSS
GND
CCR2
TA2
24 - P2.4
DVCC
VCC
timer_B3 (MSP430x13x Only)
Timer_B3 is a 16-bit timer/counter with three capture/compare registers. Timer_B3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_B3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com