Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP372 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP372
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP372 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP372 Datasheet HTML 1Page - Toshiba Semiconductor TLP372 Datasheet HTML 2Page - Toshiba Semiconductor TLP372 Datasheet HTML 3Page - Toshiba Semiconductor TLP372 Datasheet HTML 4Page - Toshiba Semiconductor TLP372 Datasheet HTML 5Page - Toshiba Semiconductor TLP372 Datasheet HTML 6Page - Toshiba Semiconductor TLP372 Datasheet HTML 7Page - Toshiba Semiconductor TLP372 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP371,TLP372
2002-09-25
5
IFP – DR
Duty cycle ratio DR
5000
3000
3
3
10-
3
3
10
1000
500
30
100
50
300
10-
1
10-
2
3
Pulse width
≤ 100µs
Ta = 25°C
10
0
IF – Ta
Ambient temperature Ta (℃)
120
100
100
80
80
60
20
40
0
-20
0
60
40
20
PC – Ta
Ambient temperature Ta (℃)
120
400
100
320
80
60
20
40
0
-20
0
240
160
80
IF – VF
Forward voltage VF (V)
100
50
0.6
0.3
5
0.5
30
3
1
10
0.1
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
0.6
3
50
5
300
30
10
100
1
1.0
1.4
1.8
2.2
2.6
3.0
Pulse width ≤ 10µs
Repetitive frequency
=100Hz
Ta = 25°C
-3.2
0.1
-2.0
-2.4
-2.8
-0.4
0.5
0.3
-1.6
-1.2
-0.8
1
3
10
30
50
∆
VF / ∆Ta – IF
Forward current IF (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com