Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP372 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP372
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP372 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP372 Datasheet HTML 1Page - Toshiba Semiconductor TLP372 Datasheet HTML 2Page - Toshiba Semiconductor TLP372 Datasheet HTML 3Page - Toshiba Semiconductor TLP372 Datasheet HTML 4Page - Toshiba Semiconductor TLP372 Datasheet HTML 5Page - Toshiba Semiconductor TLP372 Datasheet HTML 6Page - Toshiba Semiconductor TLP372 Datasheet HTML 7Page - Toshiba Semiconductor TLP372 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP371,TLP372
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
µA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Collector
-emitter
breakdown voltage
V(BR) CEO
IC = 0.1 mA
300
―
―
V
Emitter
-collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
0.3
―
―
V
Collector
-base
breakdown voltage (TLP371)
V(BR) CBO
IC = 0.1 mA
300
―
―
V
Emitter
-base
breakdown voltage (TLP371)
V(BR) EBO
IE = 0.1 mA
7
―
―
V
VCE = 200 V
―
10
200
nA
Collector dark current
ICEO
VCE = 200 V
Ta = 85 °C
―
―
20
µA
Collector dark current (TLP371)
ICER
VCE = 200 V
Ta = 85 °C,
RBE = 10 MΩ
―
0.5
10
µA
Collector dark current (TLP371)
ICBO
VCE = 200 V
―
0.1
―
nA
DC forward current gain (TLP371)
hFE
VCE = 5 V,
IC = 10 mA
―
7000
―
―
Capacitance (collecter to emitter)
CCE
V = 0, f = 1 MHz
―
10
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
Current transfer ratio
IC / IF
IF = 1 mA, VCE = 1 V
1000
4000
―
%
Saturated CTR
IC / IF (sat)
IF = 10 mA, VCE = 1 V
500
―
―
%
Base photo
-current (TLP371)
IPB
IF = 1 mA, VCB = 1 V
―
6
―
µA
IC = 10 mA, IF = 1 mA
―
―
1.0
Collector
-emitter
saturation voltage
VCE (sat)
IC = 100 mA, IF = 10 mA
0.3
―
1.2
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com