Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6402
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6402 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6402 Datasheet HTML 1Page - ON Semiconductor 2N6402 Datasheet HTML 2Page - ON Semiconductor 2N6402 Datasheet HTML 3Page - ON Semiconductor 2N6402 Datasheet HTML 4Page - ON Semiconductor 2N6402 Datasheet HTML 5Page - ON Semiconductor 2N6402 Datasheet HTML 6Page - ON Semiconductor 2N6402 Datasheet HTML 7Page - ON Semiconductor 2N6402 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N6400 Series
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
6.0
120
100
112
128
60°
α = 30°
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
Figure 1. Average Current Derating
IT(AV), AVERAGE ONSTATE FORWARD CURRENT (AMPS)
α
90°
12
0
4.0
8.0
TJ ≈ 125°C
Figure 2. Maximum On–State Power Dissipation
IT(AV), AVERAGE ONSTATE FORWARD CURRENT (AMPS)
7.0
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
α
4.0
5.0
7.0
180°
dc
10
2.0
6.0
14
16
4.0
5.0
6.0
60°
α = 30°
90°
180°
dc
124
104
108
116
10
9.0
120°
9.0
10
120°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com