Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6402 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6402
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6402 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6402 Datasheet HTML 1Page - ON Semiconductor 2N6402 Datasheet HTML 2Page - ON Semiconductor 2N6402 Datasheet HTML 3Page - ON Semiconductor 2N6402 Datasheet HTML 4Page - ON Semiconductor 2N6402 Datasheet HTML 5Page - ON Semiconductor 2N6402 Datasheet HTML 6Page - ON Semiconductor 2N6402 Datasheet HTML 7Page - ON Semiconductor 2N6402 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6400 Series
http://onsemi.com
4
Figure 3. On–State Characteristics
Figure 4. Maximum Non–Repetitive Surge Current
Figure 5. Thermal Response
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1.0
2.0
0.8
0.1
ZθJC(t) = RθJC • r(t)
1.0
120
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
130
140
150
160
20
2.0
3.0
4.0
6.0
8.0
10
0.4
0.01
t, TIME (ms)
3.0
5.0
110
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1.6
2.4
2.0
4.0
4.4
1.2
30
50
100
200 300 500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
TJ = 25°C
125°C
1 CYCLE
200
2.8
3.6
3.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com