Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK629 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK629
Description  Drain Source Voltage-: VDSS= 100V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK629 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK629 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK629 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK629
FEATURES
·Drain Current
–I
D=20A@ TC=25℃
·Drain Source Voltage-
: VDSS= 100V(Min)
DESCRIPTION
·Designed for use in switch mode power supplies and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
20
A
PD
Total Dissipation @TC=25℃
80
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.25
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK629

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK620 PANASONIC-2SK620 Datasheet
36Kb / 2P
Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK622 ISC-2SK622 Datasheet
67Kb / 2P
Fast Switching Speed
logo
National Semiconductor ...
2SK624 NSC-2SK624 Datasheet
59Kb / 1P
Si N-Channel Junction
logo
Toshiba Semiconductor
2SK625 TOSHIBA-2SK625 Datasheet
52Kb / 1P
Silicon N-channel junction field effect transistor
logo
Inchange Semiconductor ...
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 50V(Min)
More results

Similar Description - 2SK629

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3970 NJSEMI-2N3970 Datasheet
164Kb / 1P
DRAIN-SOURCE VOLTAGE
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
DRAIN-SOURCE VOLTAGE
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
Vincotech
V23990-P622-F74-D1-14 VINCOTECH-V23990-P622-F74-D1-14 Datasheet
600Kb / 11P
Drain to source voltage
logo
Inchange Semiconductor ...
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
2SK617 ISC-2SK617 Datasheet
67Kb / 2P
Drain Source Voltage-: VDSS= 800V(Min)
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 50V(Min)
2SK667 ISC-2SK667 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 400V(Min)
logo
New Jersey Semi-Conduct...
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
Drain-source voltage
logo
Panasonic Semiconductor
MIP2E5DMY PANASONIC-MIP2E5DMY Datasheet
191Kb / 3P
Control Source Drain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com