Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2143 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2143 Datasheet HTML 9Page - Dallas Semiconductor DS2143 Datasheet HTML 10Page - Dallas Semiconductor DS2143 Datasheet HTML 11Page - Dallas Semiconductor DS2143 Datasheet HTML 12Page - Dallas Semiconductor DS2143 Datasheet HTML 13Page - Dallas Semiconductor DS2143 Datasheet HTML 14Page - Dallas Semiconductor DS2143 Datasheet HTML 15Page - Dallas Semiconductor DS2143 Datasheet HTML 16Page - Dallas Semiconductor DS2143 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DS2143/DS2143Q
13 of 44
CCR: COMMON CONTROL REGISTER (Address=14 Hex)
(MSB)
(LSB)
LLB
THDB3
TG802
TCRC4
RSM
RHDB3
RG802
RCRC4
SYMBOL
POSITION
NAME AND DESCRIPTION
LLB
CCR.7
Local Loopback.
0 = loopback disabled.
1 = loopback enabled.
THDB3
CCR.6
Transmit HDB3 Enable.
0 = HDB3 disabled.
1 = HDB3 enabled.
TG802
CCR.5
Transmit G.802 Enable. See Section 13 for details.
0 = do not force TCHBLK high during bit 1 of timeslot 26.
1 = force TCHBLK high during bit 1 of timeslot 26.
TCRC4
CCR.4
Transmit CRC4 Enable.
0 = CRC4 disabled.
1 = CRC4 enabled.
RSM
CCR.3
Receive Signaling Mode Select.
0 = CAS signaling mode.
1 = CCS signaling mode.
RHDB3
CCR.2
Receive HDB3 Enable.
0 = HDB3 disabled.
1 = HDB3 enabled.
RG802
CCR.1
Receive G.802 Enable. See Section 13 for details.
0 = do not force RCHBLK high during bit 1 of timeslot 26
1 = force RCHBLK high during bit 1 of timeslot 26.
RCRC4
CCR.0
Receive CRC4 Enable.
0 = CRC4 disabled.
1 = CRC4 enabled.
LOCAL LOOPBACK
When CCR.7 is set to a 1, the DS2143 will enter a Local LoopBack (LLB) mode. This loopback is useful
in testing and debugging applications. In LLB, the DS2143 will loop data from the transmit side back to
the receive side. This loopback is synonymous with replacing the RCLK input with the TCLK signal, and
the RPOS/RNEG inputs with the TPOS/TNEG outputs. When LLB is enabled, the following will occur:
1. data at RPOS and RNEG will be ignored;
2. all receive side signals will take on timing synchronous with TCLK instead of RCLK;
3. all functions are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com