Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2143 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2143
Description  E1/ISDN-PRI framing transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2143 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2143 Datasheet HTML 1Page - Dallas Semiconductor DS2143 Datasheet HTML 2Page - Dallas Semiconductor DS2143 Datasheet HTML 3Page - Dallas Semiconductor DS2143 Datasheet HTML 4Page - Dallas Semiconductor DS2143 Datasheet HTML 5Page - Dallas Semiconductor DS2143 Datasheet HTML 6Page - Dallas Semiconductor DS2143 Datasheet HTML 7Page - Dallas Semiconductor DS2143 Datasheet HTML 8Page - Dallas Semiconductor DS2143 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
DS2143/DS2143Q
2 of 44
can access. These internal registers are used to configure the device and obtain information from the E1
link. The device fully meets al l of the latest E1 specifications, including CCITT G.704, G.706, and
G.732.
1.0 INTRODUCTION
The DS2143 E1 Controller has four main sections: the receive side, the transmit side, the line interface
controller, and the parallel control port. See the Block Diagram. On the receive side, the device will
clock in the serial E1 stream via the RPOS and RNEG pins. The synchronizer will locate the frame and
multiframe patterns and establish their respective positions. This information will be used by the rest of
the receive side circuitry.
The DS2143 is an “off-line” framer, which means that all of the E1 serial stream that goes into the device
will come out of it unchanged. Once the E1 data has been framed to, the signaling data can be extracted.
The two-frame elastic store can either be enabled or bypassed.
The transmit side clocks in the unframed E1 stream at TSER and add in the framing pattern and the
signaling. The line interface control port will update line interface devices that contain a serial port. The
parallel control port contains a multiplexed address and data structure which can be connected to either a
microcontroller or microprocessor.
Reader’s Note:
This data sheet assumes a particular nomenclature of the E1 operating environment. There are 32 8-bit
timeslots in an E1 systems which are number 0 to 31. Timeslot 0 is transmitted first and received first.
These 32 timeslots are also referred to as channels with a numbering scheme of 1 to 32. Timeslot 0 is
identical to channel 1, timeslot 1 is identical to channel 2, and so on. Each timeslot (or channel) is made
up of 8 bits which are numbered 1 to 8. Bit number 1 is the MSB and is transmitted first. Bit number 8 is
the LSB and is transmitted last. Throughout this data sheet, the following abbreviations will be used:
FAS
Frame Alignment Signal
CRC4
Cyclical Redundancy Check
CAS
Channel Associated Signaling
CCS
Common Channel Signaling
MF
Multiframe
Sa
Additional bits
Si
International bits
E-bit
CRC4 Error Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com