Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD15011AY Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD15011AY
Description  1.50 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD15011AY Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD15011AY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD15011AY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD15011AY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121741
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch Single Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage
@ IF=20mA
Emitted color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com